Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB360 Datasheet(PDF) 1 Page - SynSemi, Inc.

Part # SB360
Description  SCHOTTKY BARRIER RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

SB360 Datasheet(HTML) 1 Page - SynSemi, Inc.

  SB360 Datasheet HTML 1Page - SynSemi, Inc. SB360 Datasheet HTML 2Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB320 - SB3B0
SCHOTTKY BARRIER
RECTIFIER DIODES
PRV : 20 - 100 Volts
IO : 3.0 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* High efficiency
* Low power loss
* Low forward voltage drop
MECHANICAL DATA :
* Case : DO-201AD Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 1.1 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
SB
320
SB
330
SB
340
SB
350
SB
360
SB
370
SB
380
SB
390
SB
3B0
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
70
80
90
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
49
56
63
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
70
80
90
100
V
Maximum Average Forward Current
0.375", 9.5mm Lead Length See Fig.1
Maximum Peak Forward Surge Current,
8.3ms single half sine wave superimposed
on rated load (JEDEC Method)
Maximum Forward Voltage at IF = 3.0 A
VF
0.5
0.74
0.79
V
Maximum Reverse Current at
Ta = 25
°C
IR
0.5
mA
Rated DC Blocking Voltage (Note 1)
Ta = 100
°C
IR(H)
20
mA
Junction Temperature Range
TJ
- 65 to + 125
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Notes :
(1) Pulse Test : Pulse Width = 300
µs, Duty Cycle = 2%
A
A
RATING
IFSM
IF(AV)
3.0
80
DO-201AD
0.21 (5.33)
0.19 (4.82)
0.375 (9.52)
0.285 (7.24)
0.052 (1.32)
0.048 (1.22)
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.
Dimensions in inches and ( millimeters )


Similar Part No. - SB360

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB360 PANJIT-SB360 Datasheet
54Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Zibo Seno Electronic En...
SB360 ZSELEC-SB360 Datasheet
114Kb / 2P
   3.0A SCHOTTKY BARRIER DIODE
logo
Fairchild Semiconductor
SB360 FAIRCHILD-SB360 Datasheet
666Kb / 12P
   Power Switch (FPS?? FSL1x7 to Low- Power Supplies
SB360 FAIRCHILD-SB360 Datasheet
45Kb / 3P
   Schottky Rectifiers
logo
Vishay Siliconix
SB360 VISHAY-SB360 Datasheet
70Kb / 4P
   Schottky Barrier Rectifier
Revision: 19-Oct-09
More results

Similar Description - SB360

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
ERA83-004 EIC-ERA83-004 Datasheet
33Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
ERB81-004 EIC-ERB81-004 Datasheet
43Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
ERB83-004 EIC-ERB83-004 Datasheet
44Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
SB315SVF EIC-SB315SVF Datasheet
32Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
NXP Semiconductors
BYV143F PHILIPS-BYV143F Datasheet
33Kb / 5P
   Rectifier diodes schottky barrier
August 1996 Rev 1.100
PBYL1025B PHILIPS-PBYL1025B Datasheet
45Kb / 5P
   Rectifier diodes Schottky barrier
October 1998 Rev 1.100
PBYL1625B PHILIPS-PBYL1625B Datasheet
47Kb / 5P
   Rectifier diodes Schottky barrier
October 1998 Rev 1.100
PBYR1045F PHILIPS-PBYR1045F Datasheet
41Kb / 6P
   Rectifier diodes Schottky barrier
July 1998 Rev 1.200
PBYR1645B PHILIPS-PBYR1645B Datasheet
37Kb / 5P
   Rectifier diodes Schottky barrier
July 1998 Rev 1.200
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com