Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR5407 Datasheet(PDF) 2 Page - Vanlong Technology Co., Ltd.

Part # SR5407
Description  304.30 MHz One Port SAW Resonator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

SR5407 Datasheet(HTML) 2 Page - Vanlong Technology Co., Ltd.

  SR5407 Datasheet HTML 1Page - Vanlong Technology Co., Ltd. SR5407 Datasheet HTML 2Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
304.30 MHz One Port SAW Resonator
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
© 2004 by Vanlong Technology Co., Ltd.
SR5407
Package Dimensions (QCC4A)
Marking
Equivalent LC Model and Test Circuit
Typical Application Circuit
Typical Frequency Response
Temperature Characteristics
Electrical Connections
Terminals
Connection
1
Terminal 1
3
Terminal 2
2,4
Case-Ground
Package Dimensions
Dimensions
Nom (mm)
Dimensions
Nom (mm)
A
3.5
D
0.5
B
5.0
E
0.8
C
1.4
F
1.2
∆T= Tc –To (°C)
The curve shown above accounts for
resonator contribution only and does not
include oscillator temperature characteristics.
fc = fo, Tc = To
Low Power Transmitter Application
Local Oscillator Application
R5407
304.30
YWW
1.
R5407 - Part Code
2.
Frequency in MHz
3.
Date Code:
Y : Last digit of year
WW : Week No.
Typical Test Circiut
From
50
Ω Source
To 50
load
Equivalent LC Model


Similar Part No. - SR5407

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SR540 DGNJDZ-SR540 Datasheet
467Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SR540 WTE-SR540 Datasheet
50Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SR540 JINANJINGHENG-SR540 Datasheet
75Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS
logo
Shenzhen Yixinwei Techn...
SR540 YIXIN-SR540 Datasheet
128Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
First Components Intern...
SR540 FCI-SR540 Datasheet
129Kb / 1P
   5.0 Amp SCHOTTKY BARRIER RECTIFIERS MEETS UL SPECIFICATION 94V-0
More results

Similar Description - SR5407

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SR304 VANLONG-SR304 Datasheet
89Kb / 2P
   304.30 MHz One-Port SAW Resonator
logo
List of Unclassifed Man...
SR315 ETC-SR315 Datasheet
86Kb / 2P
   315.00 MHz One-Port SAW Resonator
logo
Vanlong Technology Co.,...
SR916 VANLONG-SR916 Datasheet
91Kb / 2P
   916.50 MHz One-Port SAW Resonator
SR930 VANLONG-SR930 Datasheet
88Kb / 2P
   930.50 MHz One-Port SAW Resonator
SR5411 VANLONG-SR5411 Datasheet
84Kb / 2P
   311.063 MHz One Port SAW Resonator
SR5419 VANLONG-SR5419 Datasheet
94Kb / 2P
   318.00 MHz One Port SAW Resonator
SR5425 VANLONG-SR5425 Datasheet
92Kb / 2P
   345.00 MHz One Port SAW Resonator
SR5428 VANLONG-SR5428 Datasheet
84Kb / 2P
   372.50 MHz One Port SAW Resonator
SR224 VANLONG-SR224 Datasheet
98Kb / 2P
   224.70 MHz One-Port SAW Resonator
SR318B VANLONG-SR318B Datasheet
89Kb / 2P
   318.00 MHz One-Port SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com