Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR418B Datasheet(PDF) 2 Page - Vanlong Technology Co., Ltd.

Part # SR418B
Description  418.00 MHz One-Port SAW Resonator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

SR418B Datasheet(HTML) 2 Page - Vanlong Technology Co., Ltd.

  SR418B Datasheet HTML 1Page - Vanlong Technology Co., Ltd. SR418B Datasheet HTML 2Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
418.00 MHz One-Port SAW Resonator
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
© 2004 by Vanlong Technology Co., Ltd.
SR418B
Package Dimensions (F-11)
Marking
Equivalent LC Model and Test Circuit
Typical Application Circuit
Typical Frequency Response
Temperature Characteristics
∆T= Tc –To (°C)
The curve shown above accounts for
resonator contribution only and does not
include oscillator temperature
characteristics.
fc = fo, Tc = To
Low Power Transmitter Application
Local Oscillator Application
Electrical Connections
Terminals
Connection
1
Input/Output
2
Case Ground
3
Case Ground
4
Output/Input
Package Dimensions
Dimensions
Nom. (mm)
Tol. (mm)
A
11.0
±0.3
B
4.5
±0.3
C
3.2
±0.3
D
0.45
±0.1
E
5.0
±0.5
F
2.54
±0.2
SR418B
Ink Marking
Color: Black or Blue


Similar Part No. - SR418B

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SR418 VANLONG-SR418 Datasheet
89Kb / 2P
   418.00 MHz One-Port SAW Resonator
logo
PETERMANN-TECHNIK
SR418 PETERMANN-SR418 Datasheet
83Kb / 7P
   HIGH RELIABILITY FOR LOW COST
More results

Similar Description - SR418B

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SR418 VANLONG-SR418 Datasheet
89Kb / 2P
   418.00 MHz One-Port SAW Resonator
SR5505 VANLONG-SR5505 Datasheet
92Kb / 2P
   418.00 MHz One Port SAW Resonator
SR5504 VANLONG-SR5504 Datasheet
85Kb / 2P
   418.00 MHz One Port SAW Resonator
SQ418 VANLONG-SQ418 Datasheet
121Kb / 2P
   418.00 MHz Two-Port SAW Resonator
logo
List of Unclassifed Man...
SR315 ETC-SR315 Datasheet
86Kb / 2P
   315.00 MHz One-Port SAW Resonator
logo
Vanlong Technology Co.,...
SR916 VANLONG-SR916 Datasheet
91Kb / 2P
   916.50 MHz One-Port SAW Resonator
SR930 VANLONG-SR930 Datasheet
88Kb / 2P
   930.50 MHz One-Port SAW Resonator
SR5411 VANLONG-SR5411 Datasheet
84Kb / 2P
   311.063 MHz One Port SAW Resonator
SR5419 VANLONG-SR5419 Datasheet
94Kb / 2P
   318.00 MHz One Port SAW Resonator
SR5425 VANLONG-SR5425 Datasheet
92Kb / 2P
   345.00 MHz One Port SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com