Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPTC6220A Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part # LPTC6220A
Description  Ultra-Low PDL Fused Tap Coupler
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

LPTC6220A Datasheet(HTML) 3 Page - OPLINK Communications Inc.

  LPTC6220A Datasheet HTML 1Page - OPLINK Communications Inc. LPTC6220A Datasheet HTML 2Page - OPLINK Communications Inc. LPTC6220A Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ordering Information
LPTC Series
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink's OEM design team
or account manager for your requirements and ordering information (510) 933-7200.
R3.20070802
Product Lines
Mux/Demux
Switching/Routing
Coupling/Splitting
Monitoring/Conditioning
Interconnect
Amplification
RGB Laser Modules
0
0
Connector Type
None= 1
FC/PC= 2
FC/SPC= 3
FC/APC= 4
SC/PC= 5
SC/SPC= 6
SC/APC= 7
ST= 8
LC= 9
MU= A
LPTC
Package & Fiber Type
P1+ 250µm bare fiber= 11
P2+ 900µm loose tube= 22
P3+ 3mm cable= 33
Fiber Length
1.0 meter= 1
1.5 meter= 5
2.0 meter= 2
0.5 meter= H
Wavelength
1310nm= 3
C band= 5
S band= 4
L band= 6
Type
1x2= 1
2x2= 2
TapRatio
Grade
P Grade= P
A Grade= A
Ultra-Low PDL Fused Tap Coupler
(1310, S, C, L band)
50/50= 50
45/55= 45
40/60= 40
35/65= 35
30/70= 30
25/75= 25
20/80= 20
15/85= 15
10/90= 10
5/95= 05
3/97= 03
2/98= 02
1/99= 01


Similar Part No. - LPTC6220A

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
LPTC OPLINK-LPTC Datasheet
156Kb / 3P
   Ultra-Low PDL Fused Tap Coupler
LPTC-S0093 OPLINK-LPTC-S0093 Datasheet
156Kb / 3P
   Ultra-Low PDL Fused Tap Coupler
More results

Similar Description - LPTC6220A

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
LPTC-S0093 OPLINK-LPTC-S0093 Datasheet
156Kb / 3P
   Ultra-Low PDL Fused Tap Coupler
LPTC OPLINK-LPTC Datasheet
156Kb / 3P
   Ultra-Low PDL Fused Tap Coupler
MMFC OPLINK-MMFC Datasheet
212Kb / 2P
   Fused Fiber Coupler
logo
JDS Uniphase Corporatio...
FFC-A1H01B1 JDSU-FFC-A1H01B1 Datasheet
187Kb / 5P
   Fused Coupler,Two Window
FFP-5M3145E0 JDSU-FFP-5M3145E0 Datasheet
109Kb / 3P
   Fused Coupler, PM Combiner
FFS-733A3 JDSU-FFS-733A3 Datasheet
126Kb / 4P
   Fused Coupler, Near Infrared
FFS-R33A3 JDSU-FFS-R33A3 Datasheet
120Kb / 3P
   Fused Coupler, Visible Light
FFC-31H JDSU-FFC-31H Datasheet
172Kb / 4P
   Fused Coupler, Single Window
logo
OPLINK Communications I...
PMTC1450U011 OPLINK-PMTC1450U011 Datasheet
299Kb / 2P
   Polarization Maintaining Tap Coupler
PMTC OPLINK-PMTC Datasheet
312Kb / 2P
   Polarization Maintaining Tap Coupler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com