Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OFMS1800E002128 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # OFMS1800E002128
Description  1x8 Optical Fiber Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

OFMS1800E002128 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  OFMS1800E002128 Datasheet HTML 1Page - OPLINK Communications Inc. OFMS1800E002128 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
Parameters
Value
Unit
Operating Wavelength Range
1528~1610
nm
Insertion loss 1,2
< 2.0
dB
Polarization Dependent Loss
< 0.2
dB
Return Loss 2
> 50
dB
Channel Cross Talk
> 50
dB
Repeatability
± 0.05
dB
Switching Time
< 20
ms
Optical Power Handling
300
mW
Fiber Type
Corning SMF-28
Operating Temperature
0 ~70
°C
Storage Temperature
-40 ~ 85
°C
Switch Power Supply Voltage (Vcc1)
+ 5
V
Switch Driving Current at 5V Power Supply
< 250
mA
Durability
> 10 7
Cycles
Switch Type
Latching
Control Interface
CMOS
Control
3 bit, Latching
Electrical Connector Type
Fixed male connector mates with
BERG 91763-110 Female Recep-
tacle
Dimensions (P2 package)
86.0 (L) x 80.0 (W) x 22.0 (H)
mm
Applications
Performance Specificationns
Notes:
1) Insertion loss is specified at 23°C over all wavelength range and all SOP.
2) Insertion loss and return loss: without connectors.
R02.20090528
OFMS Series
1x8 Optical Fiber Switches
OFMS 1x8 Series
The OFMS series 1x8 optical fiber switch is based on Oplink’s patented op-
to-mechanical switches with unique prism design to improve the switch re-
peatability and stability. The switches are designed for use in optical channel
monitoring, optical cross-connect systems, and network switching for fault
protection applications.
Oplink provides customized design to meet special control and applications.
Also, Oplink offers modular assemblies that integrate other components to
form a full function module or subsystem.
Wide Operating Wavelength Range
Fast Switch Speed
Highly Stable & Reliable
Low Insertion Loss
Low PDL
Compact
Network Monitoring and Switching
Network Protection and Restoration
Instrument, Testing and Measurement


Similar Part No. - OFMS1800E002128

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OFMS18MI300111 OPLINK-OFMS18MI300111 Datasheet
130Kb / 2P
   Mini 1x8 Optical Fiber Switches
OFMS18MI300112 OPLINK-OFMS18MI300112 Datasheet
130Kb / 2P
   Mini 1x8 Optical Fiber Switches
OFMS18MI300115 OPLINK-OFMS18MI300115 Datasheet
130Kb / 2P
   Mini 1x8 Optical Fiber Switches
OFMS18MI300121 OPLINK-OFMS18MI300121 Datasheet
130Kb / 2P
   Mini 1x8 Optical Fiber Switches
OFMS18MI300122 OPLINK-OFMS18MI300122 Datasheet
130Kb / 2P
   Mini 1x8 Optical Fiber Switches
More results

Similar Description - OFMS1800E002128

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OFMS-MINI-1X8 OPLINK-OFMS-MINI-1X8 Datasheet
182Kb / 2P
   1x8 Optical Fiber Switches
OFMS-1X8 OPLINK-OFMS-1X8 Datasheet
279Kb / 3P
   1x8 Optical Fiber Switches
OFMS18MIE00111 OPLINK-OFMS18MIE00111 Datasheet
130Kb / 2P
   Mini 1x8 Optical Fiber Switches
OFMSMM OPLINK-OFMSMM Datasheet
213Kb / 2P
   Optical Fiber Switches
OFMSFULL-2X2 OPLINK-OFMSFULL-2X2 Datasheet
222Kb / 2P
   2x2 Optical Fiber Switches
OFMS-MINI-1X4 OPLINK-OFMS-MINI-1X4 Datasheet
252Kb / 2P
   1x4 Optical Fiber Switches
OFMS-1X4 OPLINK-OFMS-1X4 Datasheet
253Kb / 3P
   1x4 Optical Fiber Switches
OFMSMMD OPLINK-OFMSMMD Datasheet
213Kb / 2P
   Add/Drop Optical Fiber Switches
OFMSSMD OPLINK-OFMSSMD Datasheet
308Kb / 2P
   Add/Drop Optical Fiber Switches
OFMS14MIE00111 OPLINK-OFMS14MIE00111 Datasheet
140Kb / 2P
   Mini 1x4 Optical Fiber Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com