Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OFMS11MUD1 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # OFMS11MUD1
Description  Ultra-mini 1x1, 1x2, 2x2 Fiber-optic Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

OFMS11MUD1 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  OFMS11MUD1 Datasheet HTML 1Page - OPLINK Communications Inc. OFMS11MUD1 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
Parameters
Min
Typ.
Max
Unit
Wavelength Range (λ
Op)
1290 ~ 1330 and/or 1525 ~ 1610
nm
Insertion Loss 1
1x1, 1x2
< 0.5
dB
2x2AD
< 0.6
Polarization Dependent Loss
< 0.07
dB
Return Loss
> 50
dB
Channel Cross-talk
> 55
dB
Repeatability
±0.02
dB
Switching Speed 2
< 4
ms
Operating Voltage
5 ± 10%
VDC
Driving Current 3
Latching
22
32
mA
Non-latching
31
46
Coil Resistance
Latching
205.5 ± 10%
Ω
Non-latching
145 ± 10%
Cycle Rate
≤10
Hz
Durability
10 7
cycle
Operating Power Handling
500
mW
Operating Temperature (T
Op)
0
70
°C
Storage Temperature
-40
80
°C
Humidity 4
<85% RH, or <90%RH for short term
Switch Type
latching or non-latching, single coil
Fiber Type
Corning SMF-28 250μm fiber
Nominal
Package Size
Bare Fiber Pigtail
29 (L) x 10.5 (W) x 8.0 (H)
mm
900μm Loose Tube Pigtail
38.5 (L) x 10.5 (W) x 8.0 (H)
mm
Applications
Performance Specificationns
Notes:
1) Excluding connectors; add 0.3 dB within λ
Op and TOp.
2) Switching time is defined as the time interval between electrical trigger and 90% of stable optical output.
3) A >20ms DC pulse is recommended for latching type of switch.
4) Short term is defined as less than 96 consecutive hours and less than a total of 15 days over a one year period.
R01.20090525
Ultra-mini 1x1, 1x2, 2x2 (Add/Drop)
Fiber-optic Switch
OFMSSM Series
Oplink OFMS ultra-mini fiber-optic switches are ideal for module and system integration
where the unique unilateral input and output fiber configuration is preferred. These
switches are designed for use in re-configurable optical add/drop multiplexers, optical
cross-connect systems, and network switching for fault protection applications.
The opto-mechanical ultra-mini switch can be directly mounted on printed circuit board
(PCB) and offer the same excellent performance characteristics of Oplink’s standard
OFMS series switch products. The OFMS miniature switches are designed to exceed Tel-
cordia standards GR-1221 and GR-1073.
Oplink provides customized design to meet special control and applications. Also, Oplink
offers modular assemblies that integrate other components to form a full function mod-
ule or subsystem.
Miniature Size
Unilateral Input/output Fiber
Configuration
Bi-directional Operation
1x1, 1x2 Latching or Non-latching
Configurations
Wide Operating Wavelength Range
Seam-seal Package
Highly Stable & Reliable
Network Switching
Re-configurable Optical Add/drop
Multiplexers
Optical Cross-connect Systems
Network Protection and Restoration
Module and System Integration
Instrumentation, Testing and
Measurement


Similar Part No. - OFMS11MUD1

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OFMS11MI30M21 OPLINK-OFMS11MI30M21 Datasheet
305Kb / 2P
   Multi-mode Ultra-mini 1x1, 1x2, 2x2 Fiber-optic Switch
OFMS11MI30M22 OPLINK-OFMS11MI30M22 Datasheet
305Kb / 2P
   Multi-mode Ultra-mini 1x1, 1x2, 2x2 Fiber-optic Switch
OFMS11MI31M21 OPLINK-OFMS11MI31M21 Datasheet
305Kb / 2P
   Multi-mode Ultra-mini 1x1, 1x2, 2x2 Fiber-optic Switch
OFMS11MI31M22 OPLINK-OFMS11MI31M22 Datasheet
305Kb / 2P
   Multi-mode Ultra-mini 1x1, 1x2, 2x2 Fiber-optic Switch
OFMS11MI80M21 OPLINK-OFMS11MI80M21 Datasheet
305Kb / 2P
   Multi-mode Ultra-mini 1x1, 1x2, 2x2 Fiber-optic Switch
More results

Similar Description - OFMS11MUD1

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OFMS12MIE02111 OPLINK-OFMS12MIE02111 Datasheet
193Kb / 2P
   Ultra-mini 1x1, 1x2, 2x2 (Add/Drop) Fiber-optic Switch
OFMS22MIE02111 OPLINK-OFMS22MIE02111 Datasheet
193Kb / 2P
   Ultra-mini 1x1, 1x2, 2x2 (Add/Drop) Fiber-optic Switch
OFMS11MI80M21 OPLINK-OFMS11MI80M21 Datasheet
305Kb / 2P
   Multi-mode Ultra-mini 1x1, 1x2, 2x2 Fiber-optic Switch
OFMS110M800 OPLINK-OFMS110M800 Datasheet
293Kb / 2P
   Multi-mode 1x1, 1x2 and 2x2 Optical Fiber Switches
OFMS1100D0011H OPLINK-OFMS1100D0011H Datasheet
300Kb / 2P
   Single Mode 1x1, 1x2 and 2x2 Add/Drop Optical Fiber Switches
OFMSSM OPLINK-OFMSSM Datasheet
141Kb / 2P
   Fiber-optic Switch
OFMSD12M80011 OPLINK-OFMSD12M80011 Datasheet
300Kb / 2P
   Multi-mode Dual 1x2 or 2x2 Add/Drop Optical Fiber Switches
logo
PHOENIX CONTACT
2981981 PHOENIX-2981981 Datasheet
125Kb / 6P
   Coupling relay - PSR-SPP- 24DC/FSP/1X1/1X2
logo
PANDUIT CORP.
CMSAQSCZBL PANDUIT-CMSAQSCZBL Datasheet
185Kb / 1P
   SC Mini-Com짰 Fiber Optic Adapter Modules
CMSTZBU PANDUIT-CMSTZBU Datasheet
120Kb / 1P
   ST Mini-Com짰 Fiber Optic Adapter Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com