Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL7700CPW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TL7700CPW
Description  SUPPLY-VOLTAGE SUPERVISOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7700CPW Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL7700CPW Datasheet HTML 3Page - Texas Instruments TL7700CPW Datasheet HTML 4Page - Texas Instruments TL7700CPW Datasheet HTML 5Page - Texas Instruments TL7700CPW Datasheet HTML 6Page - Texas Instruments TL7700CPW Datasheet HTML 7Page - Texas Instruments TL7700CPW Datasheet HTML 8Page - Texas Instruments TL7700CPW Datasheet HTML 9Page - Texas Instruments TL7700CPW Datasheet HTML 10Page - Texas Instruments TL7700CPW Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TL7700
SUPPLY-VOLTAGE SUPERVISOR
SLVS220A – JULY 1999 – REVISED NOVEMBER 1999
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 17. VCC vc Output Test Circuit 3
VCC
Vs
GND
CT
RESET
2.2 k
30 k
510 pF
Test
Point 1
240 k
100 pF
Test
Point 2
SENSE
Figure 18. VCC vs Output Waveform 3
X-Axis = 0.2 ms/Division
TP1
TP2
detailed description
sense-voltage setting
The sense voltage, Vs, of the TL7700 typically is 500 mV. By using two external resistors, the circuit designer
can obtain any sense voltage over 500 mV. In Figure 19, the sensing voltage, V
′s, is calculated as:
V
′s = Vs × (R1 + R2)/R2
Where:
Vs = 500 mV, typically at TA = 25°C
At room temperature, Vs has a variation of 500 mV ± 5 mV. In the basic circuit shown in Figure 19, variations
of [
±5 × (R1 + R2)/R2] mV are superimposed on Vs.
VCC
Vs
GND
CT
RESET
RL
R1
R2
Ct
VCC
RESET
GND
SENSE
Figure 19


Similar Part No. - TL7700CPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7700CPW TI-TL7700CPW Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700CPW TI-TL7700CPW Datasheet
400Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700CPW TI-TL7700CPW Datasheet
774Kb / 22P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700CPW TI1-TL7700CPW Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700CPWE4 TI-TL7700CPWE4 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
More results

Similar Description - TL7700CPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7702 TI-TL7702 Datasheet
340Kb / 17P
[Old version datasheet]   Supply voltage Supervisor
1633903 TI-1633903 Datasheet
774Kb / 22P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700_07 Datasheet
400Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
California Micro Device...
CM3403 CALMIRCO-CM3403 Datasheet
183Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
CM3404 CALMIRCO-CM3404 Datasheet
295Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
logo
Texas Instruments
TPS3831 TI-TPS3831 Datasheet
906Kb / 24P
[Old version datasheet]   Ultralow Power, Supply Voltage Supervisor
TLV809 TI1-TLV809 Datasheet
929Kb / 20P
[Old version datasheet]   3-Pin Supply Voltage Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com