Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBV5004 Datasheet(PDF) 1 Page - SynSemi, Inc.

Part # RBV5004
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

RBV5004 Datasheet(HTML) 1 Page - SynSemi, Inc.

  RBV5004 Datasheet HTML 1Page - SynSemi, Inc. RBV5004 Datasheet HTML 2Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RBV5000 - RBV5010
SILICON BRIDGE RECTIFIERS
PRV : 50 - 1000 Volts
Io : 50 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* High case dielectric strength of 2000 VDC
* Ideal for printed circuit board
* Very good heat dissipation
* Pb / RoHS Free
MECHANICAL DATA :
* Case : Reliable low cost construction
utilizing molded plastic technique
* Epoxy : UL94V-O rate flame retardant
* Terminals : Plated lead solderable per
MIL-STD-202, Method 208 guaranteed
* Polarity : Polarity symbols marked on case
* Mounting position : Any
* Weight : 8.17 grams ( Approximaly )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
RBV
5000
RBV
5001
RBV
5002
RBV
5004
RBV
5006
RBV
5008
RBV
5010
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
7
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Current Tc = 55
°C
IF(AV)
50
A
Peak Forward Surge Current Single half sine wave
Superimposed on rated load (JEDEC Method)
Current Squared Time at t < 8.3 ms.
I
2t
660
A
2S
Maximum Forward Voltage per Diode at IF = 25 A
VF
1.1
V
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
200
µA
Typical Thermal Resistance (Note 1)
R
θJC
1.5
°C/W
Operating Junction Temperature Range
TJ
10
°C
Storage Temperature Range
TSTG
- 40 to + 150
°C
Note :
1. Thermal Resistance from junction to case with units mounted on heatsink.
Page 1 of 2
Rev. 03 : September 9, 2005
RATING
IFSM
400
A
RBV25
Dimensions in millimeters
C3
4.9
± 0.2
3.9
± 0.2
~
∅ 3.2 ± 0.1
~
0.7
± 0.1
1.0
± 0.1
2.0
± 0.2
30
± 0.3
7.5
±0.2
10
±0.2
+
7.5
±0.2


Similar Part No. - RBV5004

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
RBV5004 EIC-RBV5004 Datasheet
40Kb / 2P
   SILICON BRIDGE RECTIFIERS
RBV5004 EIC-RBV5004 Datasheet
51Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
RBV5004 NJSEMI-RBV5004 Datasheet
148Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
RBV5004 EIC-RBV5004 Datasheet
405Kb / 2P
   SILICON BRIDGE RECTIFIERS
Rev. 08:December 15, 2017
logo
ASEMI TECHNOLOGY., LTD
RBV5004 ASEMI-RBV5004 Datasheet
189Kb / 2P
   ASEMI Bridge Rectifier
2018.11 Rev.3.1
More results

Similar Description - RBV5004

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com