Electronic Components Datasheet Search |
|
FCLM440S18LM1 Datasheet(PDF) 1 Page - OPLINK Communications Inc. |
|
FCLM440S18LM1 Datasheet(HTML) 1 Page - OPLINK Communications Inc. |
1 / 2 page Features Condition Min Typ Max Unit Optical Performance Wavelength T= 25°C 440 nm Output Power T= 25°C 18 mW Noise(RMS) 10~20 MHz 0.1 0.3 % Power Stability 1hrs, T= 25°C 0.25 0.5 % Power Stability 24hrs, T= 25°C 0.75 1 % Polarization Extinction Ratio 15 dB Collimated Beam Parameters M2 1.2 Beam Diameter 1/e2 0.7, 0.9, 1.5, 2.0, 4.0, 6.0 mm Beam Divergence full angle 1 mrad Pointing Stability 2hrs, T= 25°C 5 urad Pointing Stability 1 urad/°C Fiber Information Length 1, 2, 3 m Fiber Type SM / PM Mode Field Diameter 3 um NA 0.12 Fiber Jacket Diameter 3 mm Electrical Parameters Power Supply 9 V Power Consumption 3 10 W Current(TEC) 2 A Current(LD) 200 mA Temperature Stability 0.2 °C Control ACC Power Setting 0% ~ 100% output power Environmental Conditions Storage Temperature 0 to + 50 °C Operation Temperature + 10 to + 40 °C Operation Humidity No Condensing Package Dimensions * 112 x 56 x 26.5 mm Applications Performance Specificationns Note: * The mechanical tolerance should be +/-0.2 mm on all package dimensions unless otherwise custom specified. R04.20090331 Fiber Coupled Laser Module (440 nm) FCLM440 Series The FCLMTM Laser Module is a temperature stabilized semiconductor laser cou- pled with single mode fiber. It features very low M2 value Gaussian beam output with excellent beam pointing stability at a wide temperature dynamic range.The unique designed electrical driver enable this optical engine has the lowest power consumptions compare to the similar product in the industry.The FCLMTM Laser Module is a Class III b laser product Plug & Play ESD Protection Power Adjustable LD Current Full Protection LD Temperature Stabilized Compact Size Polarization Maintaining Fiber High Speed Modulation Remote Control Collimated & Focused Beam Metal Jacket Protection |
Similar Part No. - FCLM440S18LM1 |
|
Similar Description - FCLM440S18LM1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |