Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVOA1550000311 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # EVOA1550000311
Description  Electronically Variable Optical Attenuators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

EVOA1550000311 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  EVOA1550000311 Datasheet HTML 1Page - OPLINK Communications Inc. EVOA1550000311 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
Applications
Notes:
1) Excluding connectors.
2) Relative to 23°C.
3) At 3 dB attenuation change.
Parameter
Min
Typical
Max
Unit
Operating wavelength range
1525 ~ 1570 or 1570 ~1610
nm
Insertion Loss [1]
1.0
dB
Attenuation range
0
30
dB
Temperature dependence of attenuation [2]
0.15
dB
Wavelength depen-
dence of attenuation
0~15dB Attenuation
15~30dB attenuation
0.2
0.3
dB
Polarization depen-
dence of attenuation
0 to15 dB
> 15 dB
0.15
0.2
dB
PMD
0.1
ps
Return Loss [1]
40
dB
Resolution
0.15
dB
Repeatability
0.2
dB
Back lash
0.3
dB
Response speed [3]
0.2
sec
Optical power
100
mW
Operating Temperature
-5 to +70
°C
Storage Temperature
-40 to +85
°C
Fiber type
SMF-28
POT resistance
9
10
11
Package Dimensions
P2: 50.0 (L) ×25.0 (W) × 12.0 (H
P3: 45.0 (L) ×18.0 (W) × 12.0 (H)
mm
Performance Specificationns
R09.20090302
Electronically Variable Optical
Attenuators
EVOA Series
Oplink’s electronically variable optical attenuator (EVOA) is a high performance
opto-mechanical device. EVOA operates by moving an obstructing element into
the optical beam and the position of the obstructing element can be adjusted by
an integrated, electronically controlled step motor, resulting in fine tuning of at-
tenuation.
Oplink’s EVOA features a large dynamic attenuation range of >30dB and an excel-
lent optical performance over C- or L-band. Its latching operation retains recent
attenuation setting upon removal of drive voltage. Applications include pre-em-
phasis attenuation, detector saturation control, in-line power equalization and
amplifier power control applications.Also, it can be used to extend the dynamic
range of optical measurement instruments.
Oplink’s EVOA is designed to withstand the diverse environmental conditions and
compliance to the Telcordia standard GR-1221.
Oplink can provide customized designs to meet specialized feature applications.
Also, Oplink offers modular assemblies that integrate other components to form
a full function module or subsystem.
Operates over C or L Band
Low Insertion Loss and PDL
Latching Capability
PCB Mountable
Pre-emphasis Attenuation
Detector Input Power Control
In-line Power Equalization
Gain Control in Optical Amplifiers
On/Off Switch
Instrumentation, Testing and
Measurement


Similar Part No. - EVOA1550000311

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
EVO7 HELLERMANNTYTON-EVO7 Datasheet
188Kb / 1P
   Application Tooling for Cable Ties
January 2014
EVO7SP HELLERMANNTYTON-EVO7SP Datasheet
188Kb / 1P
   Application Tooling for Cable Ties
January 2014
logo
Advanced Energy Industr...
EVOS ADVANCEDENERGY-EVOS Datasheet
247Kb / 2P
   Asymmetric bias waveform generator for direct control of substrate voltage and ion energy
More results

Similar Description - EVOA1550000311

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HRLA-C1ML-06-PJ HIROSE-HRLA-C1ML-06-PJ Datasheet
104Kb / 2P
   Optical Variable Attenuators
logo
JDS Uniphase Corporatio...
MAT-0TDC210 JDSU-MAT-0TDC210 Datasheet
273Kb / 6P
   MEMS Variable Optical Attenuators
logo
MRV Communications, Inc...
EM2009-VOA4 MRV-EM2009-VOA4 Datasheet
1Mb / 2P
   LambdaDriver짰 - Variable Optical Attenuators (VOA) Module
logo
Merrimac Industries, In...
ARC-1 MERRIMAC-ARC-1 Datasheet
247Kb / 2P
   VARIABLE ATTENUATORS, MANUAL
logo
BOWEI Integrated Circui...
HE411B BOWEI-HE411B Datasheet
68Kb / 1P
   Voltage Variable Attenuators
HE891A BOWEI-HE891A Datasheet
86Kb / 1P
   Voltage Variable Attenuators
HE893 BOWEI-HE893 Datasheet
78Kb / 1P
   Voltage Variable Attenuators
logo
Merrimac Industries, In...
AR-1 MERRIMAC-AR-1 Datasheet
244Kb / 2P
   VARIABLE ATTENUATORS, MANUAL
logo
JDS Uniphase Corporatio...
VSA-0CNHC10NC JDSU-VSA-0CNHC10NC Datasheet
134Kb / 3P
   Variable Slope Attenuators
logo
BOWEI Integrated Circui...
HE892 BOWEI-HE892 Datasheet
71Kb / 1P
   Voltage Variable Attenuators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com