Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFOI100200CW121 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # CFOI100200CW121
Description  Optical Interleaver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

CFOI100200CW121 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  CFOI100200CW121 Datasheet HTML 1Page - OPLINK Communications Inc. CFOI100200CW121 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Interconnect Transmission HFC/RoF Subsystem
S0460 - R01. (web) 20140711
100GHz Compact Fiber Optical Interleaver
CFOI100 Series
Ordering Information
Mechanical Drawing / Package Dimensions (dimension in mm)
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
Fiber Jacket
250μm Bare Fiber = 1
900μm Loose Tube = 2
Input
Output
Band
Fiber Length
200GHz = 200
100GHz = 100
C band = C
H band = H
L band = L
0.5 Meter = H
1.0 Meter = 1*
1.5 Meters = 5
2.0 Meters = 2
Connector Type
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
ST = 8
LC/PC = 9
MU = A
LC/APC = B
* The tolerance of fiber length is +/-0.1m. 1 meter is standard. The lead-time for special fiber length will be longer.
CFOI
E
0
0
2
0
0
1


Similar Part No. - CFOI100200CW121

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
CFOI100200CE12 OPLINK-CFOI100200CE12 Datasheet
231Kb / 2P
   100GHz Compact Fiber Optical Interleaver
CFOI100200CE121 OPLINK-CFOI100200CE121 Datasheet
231Kb / 2P
   100GHz Compact Fiber Optical Interleaver
CFOI100200CE122 OPLINK-CFOI100200CE122 Datasheet
231Kb / 2P
   100GHz Compact Fiber Optical Interleaver
CFOI100200CE123 OPLINK-CFOI100200CE123 Datasheet
231Kb / 2P
   100GHz Compact Fiber Optical Interleaver
CFOI100200CE124 OPLINK-CFOI100200CE124 Datasheet
231Kb / 2P
   100GHz Compact Fiber Optical Interleaver
More results

Similar Description - CFOI100200CW121

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
CFOI050100CE111 OPLINK-CFOI050100CE111 Datasheet
238Kb / 2P
   50GHz Compact Fiber Optical Interleaver
CFOI100 OPLINK-CFOI100 Datasheet
231Kb / 2P
   100GHz Compact Fiber Optical Interleaver
CFOI100-S0005 OPLINK-CFOI100-S0005 Datasheet
218Kb / 2P
   100GHz Compact Fiber Optical Interleaver
CFOI025 OPLINK-CFOI025 Datasheet
192Kb / 2P
   25GHz Compact Fiber Optical Interleaver
CFOI050 OPLINK-CFOI050 Datasheet
347Kb / 2P
   50GHz Compact Fiber Optical Interleaver
CFOI025-S0387 OPLINK-CFOI025-S0387 Datasheet
192Kb / 2P
   Green 25GHz Compact Fiber Optical Interleaver
CFOI050-S0004 OPLINK-CFOI050-S0004 Datasheet
347Kb / 2P
   Green 50GHz Compact Fiber Optical Interleaver
logo
Finisar Corporation.
FINF050-100CLA1 FINISAR-FINF050-100CLA1 Datasheet
164Kb / 2P
   50GHz Interleaver
logo
Applied Micro Circuits ...
CS19201 AMCC-CS19201 Datasheet
88Kb / 2P
   STS-192 SONET/SDH Interleaver/Disinterleaver
logo
Hamamatsu Corporation
A11213 HAMAMATSU-A11213 Datasheet
1Mb / 28P
   Optical Components for Optical Measurement
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com