Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTR-1250-SM2-LC-L1-M Datasheet(PDF) 4 Page - OPLINK Communications Inc.

Part # DTR-1250-SM2-LC-L1-M
Description  3.3V 2x10 LC connector SFF Gigabit Ethernet 1300 & 1550 nm Laser Transceivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DTR-1250-SM2-LC-L1-M Datasheet(HTML) 4 Page - OPLINK Communications Inc.

  DTR-1250-SM2-LC-L1-M Datasheet HTML 1Page - OPLINK Communications Inc. DTR-1250-SM2-LC-L1-M Datasheet HTML 2Page - OPLINK Communications Inc. DTR-1250-SM2-LC-L1-M Datasheet HTML 3Page - OPLINK Communications Inc. DTR-1250-SM2-LC-L1-M Datasheet HTML 4Page - OPLINK Communications Inc. DTR-1250-SM2-LC-L1-M Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
21737-0283, Rev.A
06-25-03
+
+
1 H coil or
ferrite inductor
µ
1 H coil or
ferrite inductor
µ
TXD+
TXD -
RXD -
RXD+
0.1
0.1
10
10
0.1
160
160
160
160
100
Capacitor values in F, Resistor values in ohm
µ
50 ohm line
LV-PECL
50 ohm line
100
50 ohm line
50 ohm line
LV-PECL
12,16
2,3,6
10
9
15
14
11
7
+
0.1
10
100
TX DISABLE
VPD
+3.3 V
8
13
SIGNAL DETECT
(see Note below)
1
VCC
+3.3 volt
MOUNTING
POSTS
chassis
ground
circuit ground
+
+
1 H coil or
ferrite inductor
µ
1 H coil or
ferrite inductor
µ
TXD+
TXD -
RXD -
RXD+
0.1
0.1
10
10
0.1
160
160
100
Capacitor values in F, Resistor values in ohm
µ
50 ohm line
LV-PECL
50 ohm line
100
50 ohm line
50 ohm line
LV-PECL
12,16
2,3,6
10
9
15
14
11
7
+
0.1
10
100
TX DISABLE
VPD
+3.3 V
8
13
SIGNAL DETECT
(see Note below)
1
VCC
+3.3 volt
MOUNTING
POSTS
chassis
ground
circuit ground
Depending on SERDES
Depending on SERDES
DTR-1250-SM2-LC
DTR-1250-SM2-LC & DTR-1250-SM2-LS
AC coupling
DTR-1250-SM2-LC
1. For AC-coupled modules, please add suffix “AC” to the above Model Names.
For example, the AC-coupled version of DTR-1250-SM-LC-L2 is DTR-1250-SM-LC-L2-AC.
2. For Plastic Package modules, please remove suffix “M” to the above Model Names.
For example, the Plastic Package version of DTR-1250-SM-LC-L2-M is DTR-1250-SM-LC-L2-AC-M
are DTR-1250-SM-LC-L2 and DTR-1250-SM-LC-L2-AC.
3. For Industrial temperature, please add suffix “A” to the above Model Names.
For example, Industrial temperature version of DTR-1250-SM2-LC-L2 and DTR-1250-SM2-LC-L2-AC
are DTR-1250-SM2-LC-A-L2-M and DTR-1250-SM2-LC-A-L2-AC-M
4. The H3 & H7 options with “A” temperature range is only available from -25°C to +85°C.
Model (DC-coupled,
Metal Package)
EMI
Shield
Distance
(notes on p.1 & 3)
DTR-1250-SM2-LS-L2-M
YES
1000Base-LX (5 km)
DTR-1250-SM2-LS-L1-M
DTR-1250-SM2-LS-L0-M
YES
Longer (10 km)
DTR-1250-SM2-LS-H3-M
YES
1300 nm DFB (25 km)
DTR-1250-SM2-LS-H5-M
YES
1550 nm DFB (40 km)
DTR-1250-SM2-LS-H7-M
YES
1550 nm DFB (70 km)
Model (DC-coupled,
Metal Package)
EMI
Shield
Distance
(notes on p.1 & 3)
DTR-1250-SM2-LC-L2-M
NO
1000Base-LX (5 km)
DTR-1250-SM2-LC-L1-M
DTR-1250-SM2-LC-L0-M
NO
Longer (10 km)
DTR-1250-SM2-LC-H3-M
NO
1300 nm DFB (25 km)
DTR-1250-SM2-LC-H5-M
NO
1550 nm DFB (40 km)
DTR-1250-SM2-LC-H7-M
NO
1550 nm DFB (70 km)
Ordering Information
DC coupling
Interface circuit: Three options for
interface circuit are shown here: two
with DC coupling and one with AC
coupling.
The power supply line should be well-
filtered. All 0.1
µF power supply bypass
capacitors should be as close to the
DTR transceiver module as possible.
The two front GND posts (mounting
studs) should be grounded to Chassis
Ground. If Chassis Ground is not
available, they should be connected to
Circuit Ground.


Similar Part No. - DTR-1250-SM2-LC-L1-M

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-1250-SM2-LC OPLINK-DTR-1250-SM2-LC Datasheet
208Kb / 5P
   Laser Transceivers
More results

Similar Description - DTR-1250-SM2-LC-L1-M

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-1250-SM-LC OPLINK-DTR-1250-SM-LC Datasheet
698Kb / 5P
   3.3V LC connector SFF Gigabit Ethernet CWDM Laser Transceivers
DTR-1250-SM-LC-CWDM OPLINK-DTR-1250-SM-LC-CWDM Datasheet
698Kb / 5P
   3.3V LC connector SFF Gigabit Ethernet CWDM Laser Transceivers
logo
Optoway Technology Inc
TRSL-7350W OPTOWAY-TRSL-7350W Datasheet
156Kb / 5P
   3.3V / 1550 nm / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-33120WG OPTOWAY-TRSL-33120WG Datasheet
159Kb / 5P
   3.3V / 1550 nm / 155 Mbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-9380FW OPTOWAY-TRSL-9380FW Datasheet
156Kb / 5P
   3.3V / 1550 nm / 2.125 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-7380W OPTOWAY-TRSL-7380W Datasheet
156Kb / 5P
   3.3V / 1550 nm / 1.25 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-3380WG OPTOWAY-TRSL-3380WG Datasheet
159Kb / 5P
   3.3V / 1550 nm / 155 Mbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-33100WG OPTOWAY-TRSL-33100WG Datasheet
158Kb / 5P
   3.3V / 1550 nm / 155 Mbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-9340WG OPTOWAY-TRSL-9340WG Datasheet
160Kb / 5P
   3.3V / 1550 nm / 2.5 Gbps RoHS Compliant SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-5380WG OPTOWAY-TRSL-5380WG Datasheet
158Kb / 5P
   3.3V / 1550 nm / 622 Mbps RoHS Complaint SFF LC 2X10 SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com