Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DTR-622-SM-LC-A-HP-ST Datasheet(PDF) 5 Page - OPLINK Communications Inc.

Part No. DTR-622-SM-LC-A-HP-ST
Description  Multi-rate OC-12/STM-4 Single mode SFF Transceivers
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPLINK [OPLINK Communications Inc.]
Homepage  http://www.oplink.com
Logo 

DTR-622-SM-LC-A-HP-ST Datasheet(HTML) 5 Page - OPLINK Communications Inc.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
21737-0375, Rev. B
06-12-2003
OC-12/STM-4 LC Single Mode Transceiver: DTR-622-SM-LC/LS-MR
Package
without
EMI shield (LC)
1
7
5
4
10
9
6
2
3
+
+
+3.3 volt
1 H coil or
ferrite inductor
µ
1 H coil or
ferrite inductor
µ
TXD+
TXD -
SIGNAL DETECT
TX DISABLE
RXD -
RXD+
GND
POSTS
0.1
0.1
10
10
0.1
160
160
160
100
Capacitor values in F, Resistor values in ohm
µ
8
50 ohm line
LV-PECL
50 ohm line
50 ohm line
50 ohm line
LV-PECL
160
100
DTR-622-SM-LC-MR
External Termination (for “MS” & “MSE” version)
Notes:
1. Default tolerance for all
dimensions given in inches [mm]
.xxx = +0.005”
.xx = +0.01”
2. x, y: see Pin length option
table in ordering information


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn