Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF5402 Datasheet(PDF) 2 Page - Vanlong Technology Co., Ltd.

Part # SF5402
Description  345.00 MHz SAW Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

SF5402 Datasheet(HTML) 2 Page - Vanlong Technology Co., Ltd.

  SF5402 Datasheet HTML 1Page - Vanlong Technology Co., Ltd. SF5402 Datasheet HTML 2Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
345.00 MHz SAW Filter
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
© April 2004 by Vanlong Technology Co., Ltd.
SF5402
Package Dimensions (QCC8C)
Marking
Test Circuit
Typical Frequency Response
Electrical Connections
Terminals
Connection
2
Input
1,3
Input Ground
6
Output
5,7
Output Ground
4,8
Case Ground
Package Dimensions
Dimensions
Nom (mm)
Dimensions
Nom (mm)
A
2.08
E
1.20
B
0.60
F
1.35
C
1.27
G
5.00
D
2.54
H
5.00
F5402
345.0
YWW
1. F5402 - Part Code
2. Frequency (MHz) in 5 digits
3. Date Code:
Y : Last digit of year
WW : Week No.
No matching network required for operation at 50


Similar Part No. - SF5402

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SF5402 VISHAY-SF5402 Datasheet
51Kb / 5P
   Super Fast Soft Recovery Rectifier
Rev. 3, 24-Jun-98
logo
Gulf Semiconductor
SF5402 GULFSEMI-SF5402 Datasheet
102Kb / 2P
   SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?0 to 1000V CURRENT: 3.0A
logo
Vishay Siliconix
SF5402 VISHAY-SF5402 Datasheet
120Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 25-May-11
SF5402 VISHAY-SF5402 Datasheet
120Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.9, 19-Sep-12
logo
SUNMATE electronic Co.,...
SF5402 SUNMATE-SF5402 Datasheet
166Kb / 2P
   3A Axial Leaded Super Fast Soft Recovery Rectifier
More results

Similar Description - SF5402

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RF1353C MURATA-RF1353C Datasheet
171Kb / 5P
   345.00 MHz SAW Filter
logo
RF Monolithics, Inc
RF1353C RFM-RF1353C Datasheet
163Kb / 5P
   345.00 MHz SAW Filter
logo
Vanlong Technology Co.,...
SF5403 VANLONG-SF5403 Datasheet
174Kb / 2P
   345.00 MHz SAW Filter
logo
RF Monolithics, Inc
RF1353D RFM-RF1353D Datasheet
183Kb / 5P
   345.00 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1353D MURATA-RF1353D Datasheet
172Kb / 5P
   345.00 MHz SAW Filter
RO3075A MURATA-RO3075A Datasheet
392Kb / 2P
   345.00 MHz SAW Resonator
RO3075E MURATA-RO3075E Datasheet
100Kb / 2P
   345.00 MHz SAW Resonator
logo
Vanlong Technology Co.,...
SR5425 VANLONG-SR5425 Datasheet
92Kb / 2P
   345.00 MHz One Port SAW Resonator
SR345 VANLONG-SR345 Datasheet
91Kb / 2P
   345.00 MHz One-Port SAW Resonator
SR5424 VANLONG-SR5424 Datasheet
85Kb / 2P
   345.00 MHz One Port SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com