Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

10M10A Datasheet(PDF) 2 Page - Vanlong Technology Co., Ltd.

Part No. 10M10A
Description  Monolithic Crystal Filters (MCFs)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VANLONG [Vanlong Technology Co., Ltd.]
Homepage  http://www.vanlong.com
Logo 

10M10A Datasheet(HTML) 2 Page - Vanlong Technology Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Monolithic Crystal Filters (MCFs)
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
November 8, 2005
Vanlong Technology Co., Ltd.
45MHz Series
ELECTRICAL CHARACTERISTICS
Model
Number
Center
Frequency
(MHz)
Number
of Poles
Pass Band
KHz/dB
Attenuation
KHz/dB
Pass Band
Ripple
(dB)
Insertion
Loss(dB)
Guaranteed
Attenuation
(dB)
Termination
(k
Ω//pF)
Package
45M15A
45.000
2
±7.5/3
±25/15
1.0
2.5
35
0.8//2
45M20A
45.000
2
±10/3
±34/15
1.0
2.5
35
0.65//1.5
45M30A
45.000
2
±15/3
±50/15
1.0
2.5
35
2.0
45M50A
45.000
2
±25/3
±100/15
1.0
2.5
35
2.0
UM1
UM5
45M15B
45.000
4
±7.5/3
±25/30
1.0
3.0
70
0.8//2
45M20B
45.000
4
±10/3
±34/30
1.0
3.0
70
0.65//1.5
45M30B
45.000
4
±15/3
±50/30
1.0
3.0
70
2.0
45M50B
45.000
4
±25/3
±100/30
1.0
3.0
70
2.0
UM1x2
UM5x2
Other Frequency Series
ELECTRICAL CHARACTERISTICS
Model
Number
Center
Frequency
(MHz)
Number
of Poles
Pass Band
KHz/dB
Attenuation
KHz/dB
Pass Band
Ripple
(dB)
Insertion
Loss(dB)
Guaranteed
Attenuation
(dB)
Termination
(k
Ω//pF)
Package
8M10A
8.192
2
±5/3
±22/20
0.5
1.5
20
2.0
12M10A
12.800
2
±5/3
±22/20
0.5
1.5
15
1.2
HC49T
12M10B
12.800
4
±5/3
±20/40
1.0
2.0
35
1.2
14M20B
14.500
4
±10/3
±35/40
2.0
3.0
35
1.5
HC49Tx2
16M20A
16.900
2
±10/3
±35/18
0.5
1.5
35
2.0
17M15A
17.900
2
±10/3
±25/18
0.5
1.5
35
2.0//2
46M15A
46.300
2
±7.5/3
±25/15
1.0
2.5
35
0.47//5
UM1
UM2
46M15B
46.300
4
±7.5/3
±25/30
1.0
3.0
65
0.47//5
UM-5x2
49M8A
49.875
2
±4/3
±35/18
1.5
2.0
35
0.5
HC49T
54M10A
54.900
2
±5/3
±20/18
1.5
2.0
35
1.0
64M10A
64.800
2
±5/3
±20/18
1.5
2.0
35
1.0
69M7A
69.900
2
±3.75/3
±16/18
1.5
2.0
35
1.2
70M15A
70.000
2
±7.5/3
±30/15
1.0
2.0
35
2.0
70M20A
70.000
2
±10/3
±40/15
1.0
2.0
35
2.0
70M30A
70.000
2
±15/3
±50/15
1.0
2.0
35
2.0
UM1
UM5
70M15B
70.000
4
±7.5/3
±30/25
1.5
3.0
70
2.0
70M20B
70.000
4
±10/3
±40/35
1.5
3.0
70
2.0
70M30B
70.000
4
±15/3
±50/30
1.5
3.0
70
2.0
UM1x2
UM5x2
90M15A
90.000
2
±7.5/3
±30/15
1.0
2.0
35
1.2
UM1/UM5
Operating temperature range of -20 to +70
°C
Most UM1/5 modes also available in HC49U/T
Formed leads and jacket SM option available for UM1 and UM5
The filters should NOT be exposed to temperature higher than 150
°C
For M series filters, hand solder is required. Use low melting point solder (lower than 160
°C typical) on the leads, no more than 3 seconds
Please consult VTC support for the other specifications not listed above.


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ACF21U21.4MHz and 45MHz MONOLITHIC CRYSTAL FILTERS 1 Abracon Corporation
ASCF21UCERAMIC SURFACE-MOUNT 21.4MHz and 45MHz FUNDAMENTAL MONOLITHIC CRYSTAL FILTERS 1 Abracon Corporation
21MS7.5ASurface Mounted Monolithic Crystal Filters 21.4MHz & 45MHz 1 AEL Crystals Ltd
F70M20AMonolithic Crystal Filters 1 ECM Electronics Limited.
F90M20AMonolithic Crystal Filters 1 ECM Electronics Limited.
F45M08B1Monolithic Crystal Filters 1 ECM Electronics Limited.
F21M08AMonolithic Crystal Filters 1 ECM Electronics Limited.
QEFS21M4B15SMD Monolithic Crystal Filter - 21.400 MHz 1 2 3 4 TEMEX
FT21M07CMONOLITHIC CRYSTAL FILTER 1 List of Unclassifed Manufacturers
ECF45Surface Mount Crystal Filters 1 ECM Electronics Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn