Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL2218-285 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL2218-285
Description  EXCALIBUR CURRENT-MODE SCSI TERMINATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL2218-285 Datasheet(HTML) 5 Page - Texas Instruments

  TL2218-285 Datasheet HTML 1Page - Texas Instruments TL2218-285 Datasheet HTML 2Page - Texas Instruments TL2218-285 Datasheet HTML 3Page - Texas Instruments TL2218-285 Datasheet HTML 4Page - Texas Instruments TL2218-285 Datasheet HTML 5Page - Texas Instruments TL2218-285 Datasheet HTML 6Page - Texas Instruments TL2218-285 Datasheet HTML 7Page - Texas Instruments TL2218-285 Datasheet HTML 8Page - Texas Instruments TL2218-285 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TL2218-285, TL2218-285Y
EXCALIBUR CURRENT-MODE SCSI TERMINATOR
SLVS072C – DECEMBER 1992 – REVISED OCTOBER 1995
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
8–5
recommended operating conditions
MIN
MAX
UNIT
Termination voltage
3.5
5.5
V
High-level disable input voltage, VIH
2
Vterm
V
Low-level disable input voltage, VIL
0
0.8
V
Operating virtual junction temperature, TJ
0
125
°C
electrical characteristics, Vterm = 4.75 V, VO = 0.5 V, TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output high voltage
2.5
2.85
V
All data lines open
9
mA
TERMPWR supply current
All data lines = 0.5 V
228
mA
DISABLE = 0 V
500
µA
Output current
– 20.5
–23
–24
mA
Disable input current (see Note 1)
DISABLE = 4.75 V
1
µA
Disable input current (see Note 1)
DISABLE = 0 V
600
µA
Output leakage current
DISABLE = 0 V
100
nA
Output capacitance, device disabled
VO = 0 V,
1 MHz
6
pF
Termination sink current, total
VO = 4 V
20
mA
NOTE 1: When DISABLE is open or high, the terminator is active.


Similar Part No. - TL2218-285

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL2218-285 TI1-TL2218-285 Datasheet
518Kb / 13P
[Old version datasheet]   EXCALIBUR CURRENT-MODE SCSI TERMINATOR
TL2218-285PW TI1-TL2218-285PW Datasheet
518Kb / 13P
[Old version datasheet]   EXCALIBUR CURRENT-MODE SCSI TERMINATOR
TL2218-285PWLE TI1-TL2218-285PWLE Datasheet
518Kb / 13P
[Old version datasheet]   EXCALIBUR CURRENT-MODE SCSI TERMINATOR
TL2218-285PWR TI1-TL2218-285PWR Datasheet
518Kb / 13P
[Old version datasheet]   EXCALIBUR CURRENT-MODE SCSI TERMINATOR
TL2218-285PWRG4 TI1-TL2218-285PWRG4 Datasheet
518Kb / 13P
[Old version datasheet]   EXCALIBUR CURRENT-MODE SCSI TERMINATOR
More results

Similar Description - TL2218-285

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL2218-285 TI1-TL2218-285_14 Datasheet
518Kb / 13P
[Old version datasheet]   EXCALIBUR CURRENT-MODE SCSI TERMINATOR
logo
Silicon Standard Corp.
SS7519 SSC-SS7519 Datasheet
298Kb / 5P
   Multi-mode SCSI Terminator
SS7500 SSC-SS7500 Datasheet
570Kb / 5P
   Multi-mode SCSI Terminator
logo
Maxim Integrated Produc...
DS21T07 MAXIM-DS21T07 Datasheet
107Kb / 7P
   SCSI Terminator
112099
DS2114 MAXIM-DS2114 Datasheet
76Kb / 6P
   SCSI Terminator
070198
logo
Dallas Semiconductor
DS21T05 DALLAS-DS21T05 Datasheet
99Kb / 7P
   SCSI Terminator
DS2114 DALLAS-DS2114 Datasheet
71Kb / 6P
   SCSI Terminator
logo
Maxim Integrated Produc...
DS21T05 MAXIM-DS21T05 Datasheet
104Kb / 7P
   SCSI Terminator
112099
logo
Dallas Semiconductor
DS2105 DALLAS-DS2105 Datasheet
99Kb / 7P
   SCSI Terminator
DS21T07 DALLAS-DS21T07 Datasheet
101Kb / 7P
   SCSI Terminator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com