Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF2C914P01BCSS Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part # DF2C914P01BCSS
Description  Dielectric Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

DF2C914P01BCSS Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

  DF2C914P01BCSS Datasheet HTML 1Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dielectric Filter (MF Type)
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
© April 2004 by Vanlong Technology Co., Ltd.
DF Series
Features
Small and light size
Low insertion loss for using high Q-value resonators
Excellent temperature stability
Excellent mechanical structure
Good selectivity
Suitable for surface mount and reflow soldering
Electronic Characteristics
Part Number
Center Freq.
fO (MHz)
Pass
Bandwidth
(MHz)
Insertion
Loss
(dB max)
VSWR
max
Stop Band Attenuation
(dB min)
Dimension
W x L x H (mm)
DF2C620P10ASNS
620.00
fO ± 5.0
2.5
2.0
40(fO-117.5)/20(fO+117.5)
7.4x10.9x3.7
DF2C670P10ASNS
670.00
fO ± 5.0
2.5
2.0
40(fO-117.5)/20(fO+117.5)
7.4x10.0x3.7
DF2C796P06ASNS
796.60
fO ± 3.0
2.0
1.5
30(fO-65)/20(fO+65)
7.4x8.5x3.7
DF2C903P02ACNS
903.00
fO ± 1.0
3.5
2.0
25(fO-24)/20(fO+24)
7.4x8.8x3.7
DF2C927P02ACNS
927.00
fO ± 1.0
3.5
2.0
25(fO-24)/20(fO+24)
7.4x8.6x3.7
DF2C2403P06ACNS
2403.75
fO ± 3.0
3.5
2.0
35(fO+72)
7.4x7.0x3.7
DF2C2475P06ACNS
2475.75
fO ± 3.0
3.5
2.0
35(fO-72)
7.4x6.8x3.7
DF2C808P02AENS
808.35
fO ± 1.0
3.5
2.0
35(fO+25)/15(fO-25)
7.4x10.0x3.7
DF2C818P02AENS
817.95
fO ± 1.0
3.5
2.0
35(fO+25)/15(fO-25)
7.4x9.9x3.7
DF2C903P02AENS
903.00
fO ± 1.0
3.5
2.0
35(fO+24)/15(fO-24)
7.4x8.8x3.7
DF2C927P02AENS
927.00
fO ± 1.0
3.5
2.0
35(fO+24)/15(fO-24)
7.4x8.7x3.7
DF2C907P02CNU
906.50
fO ± 1.0
3.0
2.0
35(926.50)
7.4x9.1x3.7
DF2C903P02BESS
903.00
fO ± 1.0
3.5
2.0
15(fO-24)/30(fO+24)
6.0x8.8x3.0
DF2C927P02BESS
927.00
fO ± 1.0
3.5
2.0
15(fO+24)/30(fO-24)
6.0x8.6x3.0
DF2C914P01BCSS
914.50
fO ± 0.5
3.5
2.0
24(fO-44)/30(fO+44)
6.0x8.7x3.0
DF2C959P01BCSS
959.50
fO ± 0.5
3.5
2.0
24(fO-44)/30(fO+44)
6.0x8.2x3.0
DF2C2403P06BESS
2403.75
fO ± 3.0
3.2
2.0
33(fO+72)
6.0x7.0x3.0
DF2C2475P06BESS
2475.75
fO ± 3.0
3.2
2.0
33(fO-72)
6.0x6.8x3.0
DF2C903P02BCSS
903.00
fO ± 1.0
3.5
2.0
20(fO+24)/15(fO-24)
6.0x8.8x3.0
DF2C927P02BCSS
927.00
fO ± 1.0
3.5
2.0
20(fO-24)/15(fO+24)
6.0x8.6x3.0
DF2C915P26BSSS
915.00
fO ± 13.0
2.5
2.0
27(fO-77.5)/17(fO+77.5)
5.8x7.3x2.9
DF2C2442P83BSSL
2442.0
fO ± 41.5
1.5
2.0
35(fO-291.5)
5.05x3.2x1.9
DF2C2442P85BSSS
2442.0
fO ± 42.5
2.5
2.0
40(fO-500)/38(fO+500)
5.7x4.4x2.0
DF2C2442P84ASSS
2442.0
fO ± 42.0
3.2
2.0
40(fO-500)/38(fO+500)
5.7x3.3x1.9
DF2C1575P10ACNS
1575.4
fO ± 5.0
2.6
2.0
30(fO-140)/28(fO+140)
5.7x5.2x2.85
DF2C1890P20ACNS
1890.0
fO ± 10.0
2.5
2.0
25(fO-100)/20(fO+100)
5.7x4.3x2.85
Note: Please consult VTC support for other frequencies and specification that is not listed above.
Method of Definition
DF 2 C 903 P 02 A C N S
DF
: Dielectric Filter
2
: Number of holes
C
: SMD type
903
: Center frequency in MHz
P
: Filter type, i.e. P - Band pass
02
: Bandwidth in MHz
A
: Product series
C
: Hole structure
N
: Part type, i.e. N - Normal, S - Small
S
: Electrode type
DF Series


Similar Part No. - DF2C914P01BCSS

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
DF2C914P01BCSS VANLONG-DF2C914P01BCSS Datasheet
38Kb / 1P
   Excellent temperature stability
More results

Similar Description - DF2C914P01BCSS

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
CMF2A945S30CCA SIPAT-CMF2A945S30CCA Datasheet
468Kb / 4P
   DIELECTRIC FILTER
CMF2A900S30CCA SIPAT-CMF2A900S30CCA Datasheet
483Kb / 4P
   DIELECTRIC FILTER
CMF2A900S30CCA SIPAT-CMF2A900S30CCA Datasheet
483Kb / 4P
   DIELECTRIC FILTER
CMF33C830S10A SIPAT-CMF33C830S10A Datasheet
254Kb / 3P
   DIELECTRIC FILTER SPECIFICATION
CMF33C1535S30A SIPAT-CMF33C1535S30A Datasheet
260Kb / 3P
   DIELECTRIC FILTER SPECIFICATION
CMF43C1656P23A SIPAT-CMF43C1656P23A Datasheet
364Kb / 4P
   DIELECTRIC FILTER SPECIFICATION
DF1375S36B SIPAT-DF1375S36B Datasheet
509Kb / 5P
   DIELECTRIC FILTER SPECIFICATION
BP65R1505S112 SIPAT-BP65R1505S112 Datasheet
426Kb / 3P
   DIELECTRIC FILTER SPECIFICATION
CMF33C1425S50A SIPAT-CMF33C1425S50A Datasheet
272Kb / 3P
   DIELECTRIC FILTER SPECIFICATION
CMF33C1715S30A SIPAT-CMF33C1715S30A Datasheet
268Kb / 3P
   DIELECTRIC FILTER SPECIFICATION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com