Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16PIR552PH Datasheet(PDF) 11 Page - Texas Instruments

Part # TL16PIR552PH
Description  DUAL UART WITH DUAL IrDA AND 1284 PARALLEL PORT
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16PIR552PH Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL16PIR552PH Datasheet HTML 7Page - Texas Instruments TL16PIR552PH Datasheet HTML 8Page - Texas Instruments TL16PIR552PH Datasheet HTML 9Page - Texas Instruments TL16PIR552PH Datasheet HTML 10Page - Texas Instruments TL16PIR552PH Datasheet HTML 11Page - Texas Instruments TL16PIR552PH Datasheet HTML 12Page - Texas Instruments TL16PIR552PH Datasheet HTML 13Page - Texas Instruments TL16PIR552PH Datasheet HTML 14Page - Texas Instruments TL16PIR552PH Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
TL16PIR552
DUAL UART WITH DUAL IrDA AND
1284 PARALLEL PORT
SLLS222A – DECEMBER 1995 – REVISED AUGUST 1996
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
transmitter switching characteristics over recommended ranges of supply voltage and operating
free-air temperature
PARAMETER
ALT. SYMBOL
FIGURE
TEST CONDITIONS
MIN
MAX
UNIT
td9
Delay time, INTRPTx
↓ to SOUTx↓
tIRS
12
8
24
baud-
out
cycles
td10
Delay time, start to INTRPTx
tSTI
12
8
10
baud-
out
cycles
td11
Delay time, IOW
↑ to INTRPTx↓
tHR
12
CL = 75 pF
50
ns
td12
Delay time, IOW
↓ to INTRPTx↑
tSI
12
16
34
baud-
out
cycles
td13
Delay time, IOR IIR
↓ to INTRPTx↓
tIR
12
CL = 75 pF
35
ns
td14
Delay time, IOW
↑ to TXRDYx↑
tWXI
13,14
CL = 75 pF
30
ns
td15
Delay time, SOUTx
↓ to TXRDYx↓
tSXA
13, 14
CL = 75 pF
9
baud-
out
cycles
† THRE = transmitter holding-register empty; IIR = interrupt-identification register.
modem-control switching characteristics over recommended ranges of supply voltage and
operating free-air temperature, CL = 75 pF
PARAMETER
ALT. SYMBOL
FIGURE
MIN
MAX
UNIT
td16
Delay time, CTSx, DSRx, DCDx
↓ to INTRPTx↑ or RI↑ to INTRPTx↑
tRIM
15
35
ns
td17
Delay time, IOR
↑ to INTRPTx↓
15
24
baudout
cycles
td18
Delay time, CTSx
↓ to SOUTx↓
16
2
baudout
cycles
td19
Delay time, midpoint of stop bit to RTSx
17
2
baudout
cycles
td20
Delay time, IOR
↓ to RTSx↓
17
2
baudout
cycles
td21
Delay time, first data bit of the sixteenth character to RTSx
18
2
baudout
cycles
td22
Delay time, IOR
↓ to RTSx↓
tMDO
18
40
ns
td23
Delay time, IOW
↑ to RTSx, DTRx↑↓
tSIM
15
35
ns
IR signal switching characteristics over recommended ranges of supply voltage and operating
free-air temperature, CL = 75 pF
PARAMETER
ALT. SYMBOL
FIGURE
MIN
MAX
UNIT
td24
Delay time, internal SOUTx
↓ to SOUTx↑ (IR mode)
19
8
baud-
out
cycles
td25
Delay time, incoming IRSINx
↑ to internal SINx↓
19
15
ns
parallel-port timing requirements over recommended ranges of supply voltage and operating
free-air temperature
PARAMETER
FIGURE
MIN
MAX
UNITS
td26
Delay time, FAULT
↓ to PINTR (ECP)↓
20
20
ns
td27
Delay time, ACK
↓ to PINTR (EPP)↓
20
20
ns
tw4
Pulse duration, PINTR (ECP)
↓ to PINTR (ECP)↑ (ECP and EPP modes)
20
80
100
ns


Similar Part No. - TL16PIR552PH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16PC564B TI-TL16PC564B Datasheet
488Kb / 33P
[Old version datasheet]   PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
TL16PC564BLV TI-TL16PC564BLV Datasheet
488Kb / 33P
[Old version datasheet]   PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
TL16PC564BLVI TI-TL16PC564BLVI Datasheet
525Kb / 34P
[Old version datasheet]   PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
TL16PC564BLVI TI1-TL16PC564BLVI Datasheet
711Kb / 35P
[Old version datasheet]   PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
TL16PC564BLVIPZ TI1-TL16PC564BLVIPZ Datasheet
711Kb / 35P
[Old version datasheet]   PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
More results

Similar Description - TL16PIR552PH

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C872 EXAR-XR16C872 Datasheet
347Kb / 60P
   DUAL UART WITH 1284 PARALLEL PORT AND PLUG-AND-PLAY CONTROLLER
logo
List of Unclassifed Man...
NM9835 ETC-NM9835 Datasheet
135Kb / 23P
   PCI Dual UART and 1284 Printer Port
logo
IMP, Inc
EI16C552 IMP-EI16C552 Datasheet
23Kb / 2P
   Dual FIFO UART and Parallel Port
logo
A1 PROs co., Ltd.
EI16C552 A1PROS-EI16C552 Datasheet
29Kb / 2P
   Dual FIFO UART and Parallel Port
logo
Exar Corporation
ST16C452CJ68PS-F EXAR-ST16C452CJ68PS-F Datasheet
164Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452 EXAR-ST16C452 Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C552 EXAR-ST16C552 Datasheet
222Kb / 39P
   DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
logo
National Semiconductor ...
PC87310 NSC-PC87310 Datasheet
627Kb / 52P
   PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
logo
NXP Semiconductors
SC16C852V NXP-SC16C852V Datasheet
253Kb / 54P
   Dual UART with 128-byte FIFOs, IrDA, and XScale VLIO bus interface
Rev. 03-15 October 2007
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com