Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX38 Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part # CX38
Description  Micro Miniature Cylinder Type Crystal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

CX38 Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

  CX38 Datasheet HTML 1Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Leaded Crystal
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
© 2004 by Vanlong Technology Co., Ltd.
CX Series
Micro Miniature Cylinder Type Crystal
The cylinder type crystal is “At Strip” crystal features miniaturization
that makes it perfect for applications requiring small size
AT-cut performance
Very small footprint
Resistance weld seal
Highshock resistance
Specifications:
CX Series
Frequency Range:
3.579MHz ~ 70.000MHz
Operating Temperature:
0
°C ~ +50°C
-A
-10
°C ~ +60°C
-B
-20
°C ~ +70°C
-C
-40
°C ~ +85°C-L
Storage Temperature:
-40
°C ~ +85°C
Frequency Tolerance:
± 50 ppm
-50
(at 25
°C)
± 30 ppm
-30
± 20 ppm
-20
± 10 ppm
-10
Frequency Stability:
± 50 ppm
-50
(over temperature range)
± 30 ppm
-30
± 20 ppm
-20
± 10 ppm
-10
Circuit Condition:
10 pF ~ 32 pF or series
Equivalent Series Resistance:
Maximum resistance corresponds
to frequency. Please see ESR
table.
Drive Level:
100
µW max
All dimensions are in mm
Shunt Capacitance:
7 pF max
Ordering Information
Aging:
± 5 ppm max per year
Optional Features:
Tape & Reel
-TR
Note:
1.
Other frequencies, tolerances, stabilities, and operating temperature ranges
available. Consult VTC Support for specific requirements.
2.
Not all combinations of the above tolerances, stabilities, and temperature ranges
are available. Consult VTC Support if your requirement is not standard.
3.
All specifications subject to change without notice.
Product name + CL + Operating Temperature +
Tolerance + Stability + Other Code + Frequency.
i.e. CX38-20-C-30-30-F 24MHz
CX310
CX39
CX38
Model
L1
L2
D1
D2
B
CX310
10.3
10.0
∅3.1
∅0.3
1.1
CX39
9.3
10.0
∅3.1
∅0.3
1.1
CX38
8.3
10.0
∅3.1
∅0.3
1.1


Similar Part No. - CX38

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
CX38 VANLONG-CX38 Datasheet
40Kb / 1P
   Micro Miniature Cylinder Type Crystal
logo
Sensata Technologies, I...
CX380 SENSATA-CX380 Datasheet
304Kb / 5P
   PCB MOUNT SOLID STATE RELAYS
Rev. B
logo
Crydom Inc.,
CX380A5 CRYDOM-CX380A5 Datasheet
483Kb / 4P
   PCB Mount
CX380A5-B CRYDOM-CX380A5-B Datasheet
483Kb / 4P
   PCB Mount
CX380A5R CRYDOM-CX380A5R Datasheet
483Kb / 4P
   PCB Mount
More results

Similar Description - CX38

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
CX310 VANLONG-CX310_13 Datasheet
40Kb / 1P
   Micro Miniature Cylinder Type Crystal
logo
MMD Components
DN MMD-DN_13 Datasheet
158Kb / 2P
   Micro Miniature SM Crystal
logo
Abracon Corporation
AB145 ABRACON-AB145 Datasheet
150Kb / 1P
   MINIATURE CYLINDER HIGH FREQUENCY CRYSTAL
logo
Fox Electronics
FX-3 FOX-FX-3 Datasheet
143Kb / 1P
   MICRO MINIATURE AT STRIP CRYSTAL
logo
MMD Components
AN MMD-AN_13 Datasheet
169Kb / 2P
   Micro Miniature Through Hole Crystal
logo
Fox Electronics
FX3 FOX-FX3 Datasheet
538Kb / 1P
   MICRO MINIATURE "AT STRIP" CRYSTAL
logo
Tyco Electronics
3SAE-3SAC MACOM-3SAE-3SAC Datasheet
284Kb / 2P
   Crystal-can-Micro-miniature Relays
logo
Abracon Corporation
ABM7 ABRACON-ABM7_07 Datasheet
197Kb / 2P
   CERAMIC SMD MICRO MINIATURE MICROPROCESSOR CRYSTAL
08.20.07
logo
ECS, Inc.
ECX-3TAX ECS-ECX-3TAX Datasheet
345Kb / 1P
   MICRO MINIATURE SMD TUNING FORK CRYSTAL
logo
Abracon Corporation
ABM7-12.000MHZ-D-2-Y-T ABRACON-ABM7-12.000MHZ-D-2-Y-T Datasheet
1Mb / 2P
   CERAMIC SMD MICRO MINIATURE MICROPROCESSOR CRYSTAL
12.13.10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com