Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL081B Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TL081B
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL081B Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL081B Datasheet HTML 5Page - Texas Instruments TL081B Datasheet HTML 6Page - Texas Instruments TL081B Datasheet HTML 7Page - Texas Instruments TL081B Datasheet HTML 8Page - Texas Instruments TL081B Datasheet HTML 9Page - Texas Instruments TL081B Datasheet HTML 10Page - Texas Instruments TL081B Datasheet HTML 11Page - Texas Instruments TL081B Datasheet HTML 12Page - Texas Instruments TL081B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TL080, TL081, TL084, TL081A, TL082A, TL084A
TL081B, TL082B, TL084B
JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS081A–D2297, FEBRUARY 1977–REVISED NOVEMBER 1992
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
9
TL082Y, TL084Y electrical characteristics, VCC± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO = 0,
RS = 50 Ω,
TA = 25°C
3
15
mV
αVIO
Temperature coefficient of input offset voltage
VO = 0,
RS = 50 Ω,
TA = 25°C
18
µV/°C
IIO
Input offset current‡
VO = 0,
TA = 25°C
5
200
pA
IIB
Input bias current‡
VO = 0,
TA = 25°C
30
400
pA
VICR
Common-mode input voltage range
TA = 25°C
±11
–12
to
15
V
VOM
Maximum peak output voltage swing
TA = 25°C,
RL = 10 kΩ
±12 ±13.5
V
AVD
Large-signal differential voltage amplification
VO = ± 10 V, TA = 25°C,
RL ≥ 2 kΩ
25
200
V/mV
B1
Unity-gain bandwidth
TA = 25°C
3
MHz
ri
Input resistance
TA = 25°C
1012
CMRR
Common-mode rejection ratio
VIC = VICR min,
VO = 0,
70
86
dB
CMRR
Common-mode rejection ratio
RS = 50 Ω,
TA = 25°C
70
86
dB
kSVR
Supply voltage rejection ratio (
∆VCC± / ∆VIO)
VCC = ± 15 V to ± 9 V,
VO = 0,
70
86
dB
kSVR
Supply voltage rejection ratio (
∆VCC± / ∆VIO)
RS = 50 Ω,
TA = 25°C
70
86
dB
ICC
Supply current (per amplifier)
No load,
VO = 0,
TA = 25°C
1.4
2.8
mA
V01/V02 Crosstalk attenuation
AVD = 100,
TA = 25°C
120
dB
† All characteristics are measured under open-loop conditions with zero common-mode voltage unless otherwise specified.
‡ Input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive as shown in
Figure 18. Pulse techniques must be used that will maintain the junction temperature as close to the ambient temperature as possible.
operating characteristics, VCC± = ±15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
VI = 10 V,
CL = 100 pF,
RL = 2 kΩ,
See Figure 1
8
13
V/
µs
tr
Rise time
VI = 20 mV,
RL = 2 kΩ,
0.05
µs
Overshoot factor
CL = 100 pF,
See Figure 1
20%
Vn
Equivalent input noise voltage
RS = 100 Ω
f = 1 kHz
18
nV/
√Hz
Vn
Equivalent input noise voltage
RS = 100 Ω
f = 10 Hz to 10 kHz
4
µV
In
Equivalent input noise current
RS = 100 Ω,
f = 1 kHz
0.01
pA/
√Hz
THD
Total harmonic distortion
VO(rms) = 10 V,
f = 1 kHz
RS ≤ 1 kΩ,
RL ≥ 2 kΩ,
0.003%


Similar Part No. - TL081B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL081B STMICROELECTRONICS-TL081B Datasheet
91Kb / 9P
   GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL081B TI-TL081B Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081B TI-TL081B Datasheet
862Kb / 37P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081B TI-TL081B Datasheet
836Kb / 33P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081B TI-TL081B Datasheet
1,000Kb / 37P
[Old version datasheet]   JEET-INPUT OPERTIONAL AMPLIFERS
More results

Similar Description - TL081B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
   JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081_101 TI-TL081_101 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35001 MOTOROLA-MC35001 Datasheet
389Kb / 7P
   JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com