Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BC16116 Datasheet(PDF) 3 Page - Motorola, Inc

Part No. BC16116
Description  Amplifier Transistors PNP Silicon
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC16116 Datasheet(HTML) 3 Page - Motorola, Inc

  BC16116 Datasheet HTML 1Page - Motorola, Inc BC16116 Datasheet HTML 2Page - Motorola, Inc BC16116 Datasheet HTML 3Page - Motorola, Inc BC16116 Datasheet HTML 4Page - Motorola, Inc BC16116 Datasheet HTML 5Page - Motorola, Inc BC16116 Datasheet HTML 6Page - Motorola, Inc BC16116 Datasheet HTML 7Page - Motorola, Inc BC16116 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BC161-16
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 3. Capacitances
REVERSE VOLTAGE (VOLTS)
100
– 0.1
Figure 4. Charge Data
IC, COLLECTOR CURRENT (mA)
VCC = – 30 V
IC/IB = 10
QT
QA
Ceb
Figure 5. Delay Time
IC, COLLECTOR CURRENT (mA)
–10
Figure 6. Rise Time
IC, COLLECTOR CURRENT (mA)
TRANSIENT CHARACTERISTICS
25
°C
100
°C
Ccb
IC/IB = 10
VBE(off) = 2.0 V
VBE(off) = 0 V
VCC = – 30 V
IC/IB = 10
1.0
2.0
3.0
5.0
10
20
30
50
– 0.2 – 0.3 – 0.5 – 1.0 – 2.0 – 3.0 – 5.0 – 10
– 20– 30 – 50
– 100
10
0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
– 10
– 20 – 30
– 50
– 100
– 200 – 300
– 500
– 1000
100
5.0
7.0
10
20
30
50
70
– 20 – 30
– 50 – 70 – 100
– 200 – 300 – 500 – 700 – 1000
– 10
– 20 – 30
– 50 – 70 – 100
– 200 – 300 – 500 – 700 – 1000
100
5.0
7.0
10
20
30
50
70
Figure 7. Storage Time
IC, COLLECTOR CURRENT (mA)
Figure 8. Fall Time
IC, COLLECTOR CURRENT (mA)
200
1000
–10
IB1 = IB2
IC/IB = 10
VCC = – 30 V
ts′ = ts – 1/3 tf
VCC = – 30 V
IC/IB = 10
IB1 = IB2
10
20
30
50
70
100
200
300
500
700
– 20 – 30
– 50 – 70 – 100
– 200 – 300 – 500 – 700 – 1000
10
20
30
70
50
100
– 10
– 20 – 30
– 50 – 70 – 100
– 200 – 300 – 500 – 700 – 1000


Similar Part No. - BC16116

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
BC161 PHILIPS-BC161 Datasheet
50Kb / 8P
   PNP medium power transistors
1997 May 12
STMicroelectronics
STMicroelectronics
BC161 STMICROELECTRONICS-BC161 Datasheet
59Kb / 5P
   GENERAL PURPOSE TRANSISTORS
Siemens Semiconductor Group
Siemens Semiconductor G...
BC161 SIEMENS-BC161 Datasheet
140Kb / 4P
   PNP SILICON TRANSISTORS
Micro Electronics
Micro Electronics
BC161 MICRO-ELECTRONICS-BC161 Datasheet
146Kb / 2P
   PNP SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
Central Semiconductor Corp
Central Semiconductor C...
BC161 CENTRAL-BC161 Datasheet
56Kb / 1P
   Small Signal Transistors
More results

Similar Description - BC16116

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
BC556 ONSEMI-BC556 Datasheet
158Kb / 6P
   Amplifier Transistors(PNP Silicon)
1996
Motorola, Inc
Motorola, Inc
BC251 MOTOROLA-BC251 Datasheet
161Kb / 5P
   AMPLIFIER TRANSISTORS PNP SILICON
BCX78-7 MOTOROLA-BCX78-7 Datasheet
113Kb / 3P
   AMPLIFIER TRANSISTORS PNP SILICON
New Jersey Semi-Conductor Products, Inc.
New Jersey Semi-Conduct...
2N3727 NJSEMI-2N3727 Datasheet
128Kb / 1P
   PNP SILICON AMPLIFIER TRANSISTORS
Leshan Radio Company
Leshan Radio Company
L2N5401 LRC-L2N5401 Datasheet
99Kb / 4P
   Amplifier Transistors PNP Silicon
ON Semiconductor
ON Semiconductor
2N5400 ONSEMI-2N5400 Datasheet
83Kb / 6P
   Amplifier Transistors PNP Silicon
December, 2005 ??Rev. 1
BC212B ONSEMI-BC212B Datasheet
60Kb / 4P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
LA733P ONSEMI-LA733P Datasheet
56Kb / 4P
   Amplifier Transistors (PNP Silicon)
August, 2001 ??Rev. 1
BC307B ONSEMI-BC307B Datasheet
54Kb / 4P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
BC327 ONSEMI-BC327_07 Datasheet
68Kb / 5P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 5
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz