Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BC16116 Datasheet(PDF) 6 Page - Motorola, Inc

Part No. BC16116
Description  Amplifier Transistors PNP Silicon
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC16116 Datasheet(HTML) 6 Page - Motorola, Inc

  BC16116 Datasheet HTML 1Page - Motorola, Inc BC16116 Datasheet HTML 2Page - Motorola, Inc BC16116 Datasheet HTML 3Page - Motorola, Inc BC16116 Datasheet HTML 4Page - Motorola, Inc BC16116 Datasheet HTML 5Page - Motorola, Inc BC16116 Datasheet HTML 6Page - Motorola, Inc BC16116 Datasheet HTML 7Page - Motorola, Inc BC16116 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BC161-16
6
Motorola Small–Signal Transistors, FETs and Diodes Device Data
RATINGS AND THERMAL DATA
The safe operating area curves indicate IC–VCE limits of the
transistor that must be observed for reliable operation. Collector
load lines for specific circuits must fall below the limits indicated by
the applicable curve.
The data of Figure 19 is based upon TJ(pk) = 200°C; TC is variable
depending upon conditions. Pulse curves are valid for duty cycles
to 10% provided TJ(pk) ≤ 200°C. At high case temperatures, thermal
limitations will reduce the power that can be handled to values less
than the limitations imposed by second breakdown.
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
– 1.0
– 3.0
– 2.0 – 3.0 – 5.0
–10
– 20 – 30
– 50
– 100
– 0.03
– 0.05
– 0.07
– 0.1
– 0.2
– 0.3
– 0.5
– 1.0
– 2.0
– 7.0
– 70
TJ = 200°C
0.1 ms
1.0 ms
dc
SECONDARY BREAKDOWN
LIMITED
BONDING WIRE LIMITED
THERMALLY LIMITED
TC = 25°C (SINGLE PULSE)
CURVES APPLY BELOW
RATED VCEO
Figure 19. Safe Operating Area


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn