Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BC16116 Datasheet(PDF) 5 Page - Motorola, Inc

Part No. BC16116
Description  Amplifier Transistors PNP Silicon
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC16116 Datasheet(HTML) 5 Page - Motorola, Inc

  BC16116 Datasheet HTML 1Page - Motorola, Inc BC16116 Datasheet HTML 2Page - Motorola, Inc BC16116 Datasheet HTML 3Page - Motorola, Inc BC16116 Datasheet HTML 4Page - Motorola, Inc BC16116 Datasheet HTML 5Page - Motorola, Inc BC16116 Datasheet HTML 6Page - Motorola, Inc BC16116 Datasheet HTML 7Page - Motorola, Inc BC16116 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BC161-16
5
Motorola Small–Signal Transistors, FETs and Diodes Device Data
0.1
IC, COLLECTOR CURRENT (mA)
TJ = 175°C
25
°C
–55
°C
VCE = –1.0 V
VCE = –10 V
STATIC CHARACTERISTICS
0
IB, BASE CURRENT (mA)
Figure 15. DC Current Gain
Figure 16. Collector Saturation Region
10
7.0
5.0
3.0
2.0
1.0
0.2
0.3
0.5
0.7
– 1.0
– 2.0
– 3.0
– 5.0
– 7.0
– 10
– 20
– 30
– 50
– 70
– 100
– 200
– 300
– 500
– 700 – 1000
– 0.2
– 0.4
– 0.6
– 0.8
– 1.0
– 0.005 – 0.007 – 0.01
– 0.02 – 0.03 – 0.05 – 0.07 – 0.1
– 0.2 – 0.3
– 0.5 – 0.7 – 1.0
– 2.0 – 3.0
– 5.0 – 7.0 – 10
– 20 – 30
– 50
IC = – 1.0 mA
– 500 mA
– 100 mA
– 10 mA
TJ = 25°C
Figure 17. “On” Voltages
IC, COLLECTOR CURRENT (mA)
Figure 18. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
– 0.6
– 1.0
VBE(sat) @ IC/IB = 10
– 0.4
– 0.8
– 1.0
– 0.2
0
– 2.0 – 3.0 – 5.0 –10
– 20 – 30 – 50 – 100 – 200– 300 – 500 – 1000
VBE(on) @ VCE = –1.0 V
VCE(sat) @ IC/IB = 10
– 1.0
– 2.0
0
+ 1.0
– 3.0
– 4.0
– 1.0 – 2.0 – 3.0 – 5.0 –10
– 20 – 30 – 50 – 100 – 200 – 300 – 500 – 1000
θVC for VCE(sat)
θVB for VBE


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn