Electronic Components Datasheet Search |
|
TIBPAL20R8-7MJT Datasheet(PDF) 9 Page - Texas Instruments |
|
TIBPAL20R8-7MJT Datasheet(HTML) 9 Page - Texas Instruments |
9 / 35 page UNIT PARAMETER FROM (INPUT) TO (OUTPUT) TEST CONDITIONS R1 = 200 Ω, R2 = 200 Ω, See Figure 8 tpd ns TIBPAL20L8-5C HIGH-PERFORMANCE IMPACT-X ™ PAL® CIRCUITS SRPS010F – D3353, OCTOBER 1989 – REVISED SEPTEMBER 1992 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 9 PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. absolute maximum ratings over operating free-air temperature range (unless otherwise noted) Supply voltage, VCC (see Note 1) 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage (see Note 1) 5.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage applied to disabled output (see Note 1) 5.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range 0 °C to 75°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range – 65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . NOTE 1: These ratings apply except for programming pins during a programming cycle or during a preload cycle. recommended operating conditions MIN NOM MAX UNIT VCC Supply voltage 4.75 5 5.25 V VIH High-level input voltage (see Note 2) 2 5.5 V VIL Low-level input voltage (see Note 2) 0.8 V IOH High-level output current – 3.2 mA IOL Low-level output current 24 mA TA Operating free-air temperature 0 25 75 °C NOTE 2: These are absolute voltage levels with respect to the ground pin of the device and include all overshoots due to system and/or tester noise. Testing these parameters should not be attempted without suitable equipment. electrical characteristics over recommended operating free-air temperature range PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT VIK VCC = 4.75 V, II = – 18 mA – 0.8 – 1.5 V VOH VCC = 4.75 V, IOH = – 3.2 mA 2.4 2.7 V VOL VCC = 4.75 V, IOL = 24 mA 0.3 0.5 V IOZH‡ VCC = 5.25 V, VO = 2.7 V 100 µA IOZL‡ VCC = 5.25 V, VO = 0.4 V –100 µA II VCC = 5.25 V, VI = 5.5 V 100 µA IIH‡ VCC = 5.25 V, VI = 2.7 V 25 µA IIL‡ VCC = 5.25 V, VI = 0.4 V –250 µA IOS§ VCC = 5.25 V, VO = 0.5 V –30 –70 –130 mA ICC VCC = 5.25 V, VI = 0, Outputs open 210 mA Ci f = 1 MHz, VI = 2 V 8.5 pF Co f = 1 MHz, VO = 2 V 10 pF † All typical values are at VCC = 5 V, TA = 25°C. ‡ I/O leakage is the worst case of IOZL and IIL or IOZH and IIH, respectively. § Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second. VO is set at 0.5 V to avoid test problems caused by test equipment ground degradation. switching characteristics over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) TIBPAL20L8-5CFN TIBPAL20L8-5CJT TIBPAL20L8-5CNT MIN MAX MIN MAX I, I/O O, I/O with up to 4 outputs switching 1.5 5 1.5 5 I, I/O O, I/O with more than 4 outputs switching 1.5 5 1.5 5.5 ten I, I/O O, I/O 2 7 2 7 ns tdis I, I/O O, I/O 2 7 2 7 ns |
Similar Part No. - TIBPAL20R8-7MJT |
|
Similar Description - TIBPAL20R8-7MJT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |