Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2612 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part No. 2612
Description  Bandpass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KR [KR Electronics, Inc.]
Homepage  http://www.krfilters.com
Logo 

2612 Datasheet(HTML) 2 Page - KR Electronics, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
© 2005, KR Electronics, Inc.
Parameter
Specification
Filter type
Bandpass
Center Frequency
39 KHz
Insertion Loss
< 2.5 dB (1 dB typical)
3 dB Bandwidth
8 KHz Minimum
Source & Load
2 K
KR 2612 Bandpass Filter
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Dimensions shown in inches
Metal Case
Terminals 0.040” Diameter
Ground Terminals Connected to Case


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn