Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSU100-Q050MII Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HSU100-Q050MII
Description  DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 45-100 WATTS SWITCHING MODE POWER SUPPLIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HSU100-Q050MII Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HSU100-Q050MII Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HSU100-Q050MII Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION HSU100-Q050MII Datasheet HTML 3Page - HITRON ELECTRONICS CORPORTION HSU100-Q050MII Datasheet HTML 4Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-46-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
HSU45 Series
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: HSU45 537.0g (18.94 Oz.)
SINGLE OUTPUT
MAIN VO1
@#
MODEL NO.
Typ.
Volt.
HSU45-10/(E)
9.0A
5.0V
HSU45-11
4.0A
12.0V
HSU45-11/(E)
3.7A
12.0V
HSU45-12/(E)
3.0A
15.0V
HSU45-13/(E)
2.0A
24.0V
(E) With gas-tube for safety purpose.
DUAL OUTPUT
MAIN VO1
@#
AUX. VO2 ◇●
MODEL NO.
Typ.
Volt.
Typ.
Volt.
HSU45-20
4.0A
5.0V
2.0A
12.0V
HSU45-21
2.0A
12.0V
1.5A
12.0V
HSU45-22
4.0A
5.0V
1.2A
15.0V
HSU45-23
1.5A
15.0V
1.5A
15.0V
HSU45-24
4.0A
5.0V
1.0A
24.0V
HSU45-25
1.0A
24.0V
1.0A
24.0V
TRIPLE OUTPUT
MAIN VO1
@#
AUX. VO2 ◇●
AUX. VO3 ◇●
MODEL NO.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
HSU45-30
3.0A
5.0V
2.0A
12.0V
0.5A
5.0V
HSU45-31
3.0A
5.0V
2.0A
15.0V
0.5A
15.0V
HSU45-32
3.0A
5.0V
2.0A
12.0V
0.5A
12.0V
HSU45-33
3.0A
5.0V
1.0A
24.0V
0.5A
12.0V
Symbol: " " OVP built-in. "@" Adjustable. "#" Remote sensing. "▲" Magnetic Amplifier.
"●" Installed with Post Regulator. "◇" Floating ( or isolated) output.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENTS
AC INPUT
SINGLE/DUAL/TRIPLE OUTPUT
ASSORTED SIGNAL
ASSIGNMENT AC-L AC-N AC-G +VO1
-VO1
+VO2
-VO2
+VO3
-VO3
NC
LOG.
INH.
+S
-S
POWER
FAIL
HSU45-1X
28
30
32
4,6
12,14
-
-
-
-
16,18,24,26
20
8
10
22
HSU45-2X
28
30
32
4
6
8
10
-
-
12,14,16,18,24,26
20
-
-
22
HSU45-3X
28
30
32
4,6,
8,10
12
14
16
18
24,26
20
-
-
22
Mating connector: DIN41612-H15 Female
HSU45


Similar Part No. - HSU100-Q050MII

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
HSU100-10 TOTAL-POWER-HSU100-10 Datasheet
321Kb / 4P
   DUAL SELECTABLE AC INPUT AC-DC SINGLE & MULTIPLE OUTPUT 45-150 WATTS 19 COMPATIBLE EUROCARD SWITCHING POWER SUPPLIES HSU45,HSU60 AND HSU100 SERIES
HSU100-11 TOTAL-POWER-HSU100-11 Datasheet
321Kb / 4P
   DUAL SELECTABLE AC INPUT AC-DC SINGLE & MULTIPLE OUTPUT 45-150 WATTS 19 COMPATIBLE EUROCARD SWITCHING POWER SUPPLIES HSU45,HSU60 AND HSU100 SERIES
HSU100-12 TOTAL-POWER-HSU100-12 Datasheet
321Kb / 4P
   DUAL SELECTABLE AC INPUT AC-DC SINGLE & MULTIPLE OUTPUT 45-150 WATTS 19 COMPATIBLE EUROCARD SWITCHING POWER SUPPLIES HSU45,HSU60 AND HSU100 SERIES
HSU100-13 TOTAL-POWER-HSU100-13 Datasheet
321Kb / 4P
   DUAL SELECTABLE AC INPUT AC-DC SINGLE & MULTIPLE OUTPUT 45-150 WATTS 19 COMPATIBLE EUROCARD SWITCHING POWER SUPPLIES HSU45,HSU60 AND HSU100 SERIES
HSU100-16 TOTAL-POWER-HSU100-16 Datasheet
321Kb / 4P
   DUAL SELECTABLE AC INPUT AC-DC SINGLE & MULTIPLE OUTPUT 45-150 WATTS 19 COMPATIBLE EUROCARD SWITCHING POWER SUPPLIES HSU45,HSU60 AND HSU100 SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com