Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVI51-39 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HVI51-39
Description  UNIVERSAL INPUT AC-DC MULTI-OUTPUT 51 WATTS INTERNAL SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HVI51-39 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HVI51-39 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HVI51-39 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-20-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: L-B 374.0g (13.2 Oz.)
DUAL OUTPUT
MAIN VO1 @
AUX.+VO2 or -VO3
MODEL NO.
Typ.
Volt.
Typ.
Volt.
HVI51-29
9.0A
+3V
1.8A
+12.0V
HVI51-29n
9.0A
+3V
0.9A
-12.0V
HVI51-20
8.0A
+5V
1.0A
-5.0V
HVI51-21
8.0A
+5V
1.5A
+12.0V
HVI51-21n
8.0A
+5V
0.9A
-12.0V
HVI51-22
8.0A
+5V
1.2A
+15.0V
HVI51-22n
8.0A
+5V
0.8A
-15.0V
HVI51-23
8.0A
+5V
0.8A
+24.0V
TRIPLE OUTPUT
MAIN VO1 @
AUX. +VO2 or †
AUX. -VO3
MODEL NO.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
HVI51-39
8.0A
3.0V
1.6A
+12.0V
0.6A
-12.0V
HVI51-30
6.0A
5.0V
1.5A
+12.0V
0.5A
-12.0V
HVI51-31
6.0A
5.0V
1.5A
+12.0V
1.0A
-5.0V
HVI51-32
6.0A
5.0V
0.8A
+24.0V
0.5A
-12.0V
HVI51-33
6.0A
5.0V
1.2A
+15.0V
0.5A
-15.0V
Symbol:" " OVP built-in. "@" Adjustable. "†" Stacked on main O/P. " " Installed with Post Regulator (P.R.).
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT
DUAL/TRIPLE OUTPUT
ASSIGNMENT
AC-LINE AC-NEUTRAL AC-GROUND
VO1
VO2
VO3
DC COM
CNTR & PIN#
P1-L
P1-N
P1-G
P2-1,2
P2-5
P2-7
P2-3,4,6
Mating connector: P1 Molex 5195 or 5239 series.
P2 Molex 5195 or 5239 series.


Similar Part No. - HVI51-39

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVI50 HITRON-HVI50 Datasheet
332Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE OUTPUT 50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI50-10N HITRON-HVI50-10N Datasheet
332Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE OUTPUT 50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI50-11N HITRON-HVI50-11N Datasheet
332Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE OUTPUT 50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI50-12N HITRON-HVI50-12N Datasheet
332Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE OUTPUT 50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI50-13N HITRON-HVI50-13N Datasheet
332Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE OUTPUT 50 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results

Similar Description - HVI51-39

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVI72 HITRON-HVI72 Datasheet
410Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 72 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI102 HITRON-HVI102 Datasheet
361Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI19 HITRON-HVI19 Datasheet
361Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 19-20 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI48 HITRON-HVI48 Datasheet
315Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 40-50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HES51 HITRON-HES51 Datasheet
484Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 45-51 WATTS SWITCHING POWER SUPPLIES
HVI08 HITRON-HVI08 Datasheet
106Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME DUAL OUTPUT 8 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI50 HITRON-HVI50 Datasheet
332Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE OUTPUT 50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HMI100 HITRON-HMI100 Datasheet
104Kb / 3P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI41 HITRON-HVI41 Datasheet
350Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & MULTI-OUTPUT 40-50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP105 HITRON-HVP105 Datasheet
370Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 105 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com