Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIBPAL22V10-10CFN Datasheet(PDF) 11 Page - Texas Instruments

Part # TIBPAL22V10-10CFN
Description  HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIBPAL22V10-10CFN Datasheet(HTML) 11 Page - Texas Instruments

Back Button TIBPAL22V10-10CFN Datasheet HTML 7Page - Texas Instruments TIBPAL22V10-10CFN Datasheet HTML 8Page - Texas Instruments TIBPAL22V10-10CFN Datasheet HTML 9Page - Texas Instruments TIBPAL22V10-10CFN Datasheet HTML 10Page - Texas Instruments TIBPAL22V10-10CFN Datasheet HTML 11Page - Texas Instruments TIBPAL22V10-10CFN Datasheet HTML 12Page - Texas Instruments TIBPAL22V10-10CFN Datasheet HTML 13Page - Texas Instruments TIBPAL22V10-10CFN Datasheet HTML 14Page - Texas Instruments TIBPAL22V10-10CFN Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TIBPAL22V10-10C
HIGH-PERFORMANCE IMPACT-X
™ PROGRAMMABLE ARRAY LOGIC CIRCUITS
SRPS015 – D3972, FEBRUARY 1992
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
11
power-up reset
Following power up, all registers are reset to zero. The output level depends on the polarity selected during
programming. This feature provides extra flexibility to the system designer and is especially valuable in
simplifying state-machine initialization. To ensure a valid power-up reset, it is important that the rise of VCC be
monotonic. Following power-up reset, a low-to-high clock transition must not occur until all applicable input and
feedback setup times are met.
1.5 V
tsu ‡
tpd †
tw
VOL
VOH
VIL
VIH
5 V
VCC
Active High
Registered Output
Active Low
Registered Output
CLK
4 V
VOH
VOL
1.5 V
1.5 V
(600 ns typ, 1000 ns MAX)
State Unknown
1.5 V
State Unknown
† This is the power-up reset time and applies to registered outputs only. The values shown are from characterization data.
‡ This is the setup time for input or feedback.
Figure 3. Power-Up Reset Waveforms
programming information
Texas Instruments programmable logic devices can be programmed using widely available software and
inexpensive device programmers.
Complete programming specifications, algorithms, and the latest information on hardware, software, and
firmware are available upon request. Information on programmers capable of programming Texas Instruments
programmable logic is also available, upon request, from the nearest TI field sales office, local authorized TI
distributor, or by calling Texas Instruments at (214) 997-5666.


Similar Part No. - TIBPAL22V10-10CFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL22V10-15BC TI-TIBPAL22V10-15BC Datasheet
162Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-15BCFN TI-TIBPAL22V10-15BCFN Datasheet
162Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-15BCNT TI-TIBPAL22V10-15BCNT Datasheet
162Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
More results

Similar Description - TIBPAL22V10-10CFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL22VP10-20C TI-TIBPAL22VP10-20C Datasheet
160Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-15BC TI-TIBPAL22V10-15BC Datasheet
162Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-20M TI-TIBPAL22V10-20M Datasheet
164Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-7C TI-TIBPAL22V10-7C Datasheet
154Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10C TI-TIBPAL22V10C Datasheet
158Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT E PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22VP10-20C TI-TIBPAL22VP10-20C Datasheet
211Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-XE PROGRAMMABLE ARRAY LOGIC CIRCUITS
TIBPAL22V10-5C TI1-TIBPAL22V10-5C Datasheet
171Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-XLE PROGRAMMABLE ARRAY LOGIC CIRCUIT
TIBPAL16L8-7C TI-TIBPAL16L8-7C Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-5C TI-TIBPAL16L8-5C Datasheet
295Kb / 30P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL20L8-7C TI-TIBPAL20L8-7C Datasheet
210Kb / 20P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com