Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVI20-10C Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HVI20-10C
Description  UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 10-25 WATTS INTERNAL SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HVI20-10C Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HVI20-10C Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HVI20-10C Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-9-
H HiTRON
UNIVERSAL INPUT AC-DC PCB OPEN FRAME
SINGLE OUTPUT 10-25 WATTS INTERNAL SWITCHING
POWER SUPPLIES HVI20 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET CISPR PUB. 22 & FCC CLASS B
CE MARKING COMPLIANCE
For the details of safety approval, please consult the factory.
GENERAL SPECIFICATION
Efficiency: Typ. 70-75%
Switching Frequency: 40K Hz.
Circuit Topology: Fixed Frequency Flyback circuit.
Transient Response: Output voltage returns in
less than 3mS following
a 25% load change.
Safety Standard: IEC 60950-1/UL 60950-1 Class I.
Operating Temperature: 0 to +50 °C.
Storage Temperature: -20 to +85 °C.
Temperature Coefficient: Typ. 0.04%/ °C.
Cooling: Free air convection.
Construction: PCB open frame format.
Power Density: 1.79Watts / Cubic Inch.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typ. 20 Watts.
Output Connector: Molex 5273.
Line Regulation: Typ. 0.1%.
Load Regulation: Typ. ±1.0%.
Noise & Ripple: Typ. 1.0% peak to peak.
OVP: Built-in at main VO1 only.
Adjustability: Not adjustable.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
OLP set at about 125-150% rating output wattage.
Consult the factory for OLP setting.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Range typ. 90-264Vac.
Rating 100-240Vac.
Input Connector: IEC320-3P DT7.
Input Frequency: 47-63Hz.
Inrush Current: Typ. 25A @ 230Vac.
Input Current: Typ. 0.47A @ 115Vac, 0.21A @ 230Vac.
Dielectric Withstand: Meet IEC 60950-1.
EMI: Meet CISPR PUB. 22 & FCC Class B.
Hold-up Time: Typ. 10.0mS @ 115Vac, 40.0mS@ 230Vac.
Earth Leakage: Less than 0.7mA @ 230Vac.


Similar Part No. - HVI20-10C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HVI26 ETC-HVI26 Datasheet
495Kb / 1P
   HIGH VOLTAGE RESISOTRS
More results

Similar Description - HVI20-10C

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPVI20 TOTAL-POWER-TPVI20 Datasheet
282Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 10-25 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI20 SERIES
logo
HITRON ELECTRONICS CORP...
HVI10 HITRON-HVI10 Datasheet
314Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI12 HITRON-HVI12 Datasheet
305Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 12 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI50 HITRON-HVI50 Datasheet
332Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE OUTPUT 50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI14 HITRON-HVI14 Datasheet
339Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME QUAD OUTPUT 14 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI10.5 HITRON-HVI10.5 Datasheet
289Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME DUAL OUTPUT 10.5 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI102 HITRON-HVI102 Datasheet
361Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI63 HITRON-HVI63 Datasheet
218Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & TRIPLE OUTPUT 63 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI72 HITRON-HVI72 Datasheet
410Kb / 2P
   UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 72 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI41 HITRON-HVI41 Datasheet
350Kb / 2P
   UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & MULTI-OUTPUT 40-50 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com