Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4031MFK Datasheet(PDF) 2 Page - Texas Instruments

Part # THS4031MFK
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4031MFK Datasheet(HTML) 2 Page - Texas Instruments

  THS4031MFK Datasheet HTML 1Page - Texas Instruments THS4031MFK Datasheet HTML 2Page - Texas Instruments THS4031MFK Datasheet HTML 3Page - Texas Instruments THS4031MFK Datasheet HTML 4Page - Texas Instruments THS4031MFK Datasheet HTML 5Page - Texas Instruments THS4031MFK Datasheet HTML 6Page - Texas Instruments THS4031MFK Datasheet HTML 7Page - Texas Instruments THS4031MFK Datasheet HTML 8Page - Texas Instruments THS4031MFK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
THS4031, THS4032
100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
SLOS224C – JULY 1999 – REVISED APRIL 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Vn
In
1
10
100
1 k
10
f – Frequency – Hz
VOLTAGE NOISE AND CURRENT NOISE
vs
FREQUENCY
20
10 k
100 k
VCC = ± 15 V AND ± 5 V
TA = 25°C
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
NUMBER
OF
PLASTIC
SMALL
PLASTIC MSOP† (DGN)
CERAMIC DIP
CHIP
CARRIER
EVALUATION
MODULE
CHANNELS
OUTLINE†
(D)
DEVICE
SYMBOL
(JG)
CARRIER
(FK)
MODULE
0
°Cto70°C
1
THS4031CD
THS4031CDGN
TIACM
THS4031EVM
0
°C to 70°C
2
THS4032CD
THS4032CDGN
TIABD
THS4032EVM
40
°Cto85°C
1
THS4031ID
THS4031IDGN
TIACN
–40
°C to 85°C
2
THS4032ID
THS4032IDGN
TIABG
–55
°C to 125°C
1
THS4031MJG
THS4031MFK
† The D and DGN packages are available taped and reeled. Add an R suffix to the device type (i.e., THS4031CDGNR).


Similar Part No. - THS4031MFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4031MFKB TI-THS4031MFKB Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031MFKB TI1-THS4031MFKB Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
More results

Similar Description - THS4031MFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4031-EP TI-THS4031-EP Datasheet
1Mb / 37P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032IDR TI-THS4032IDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDR TI-THS4031CDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS40321-EP TI-THS40321-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032-EP TI1-THS4032-EP Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031 TI1-THS4031_16 Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
THS4021 TI-THS4021 Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021 TI1-THS4021_16 Datasheet
1Mb / 29P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com