Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4052CD Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS4052CD
Description  70-MHz HIGH-SPEED AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4052CD Datasheet(HTML) 4 Page - Texas Instruments

  THS4052CD Datasheet HTML 1Page - Texas Instruments THS4052CD Datasheet HTML 2Page - Texas Instruments THS4052CD Datasheet HTML 3Page - Texas Instruments THS4052CD Datasheet HTML 4Page - Texas Instruments THS4052CD Datasheet HTML 5Page - Texas Instruments THS4052CD Datasheet HTML 6Page - Texas Instruments THS4052CD Datasheet HTML 7Page - Texas Instruments THS4052CD Datasheet HTML 8Page - Texas Instruments THS4052CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
THS4051, THS4052
70-MHz HIGH-SPEED AMPLIFIERS
SLOS238C– MAY 1999 – REVISED MAY 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at TA = 25°C, VCC = ±15 V, RL = 150 Ω (unless otherwise noted)
dynamic performance
PARAMETER
TEST CONDITIONS†
THS405xC, THS405xI
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC = ±15 V
Gain = 1
70
MHz
Dynamic performance small-signal bandwidth
VCC = ±5 V
Gain = 1
70
MHz
yg
(–3 dB)
VCC = ±15 V
Gain = 2
38
MHz
BW
VCC = ±5 V
Gain = 2
38
MHz
BW
Bandwidth for 0 1 dB flatness
VCC = ±15 V
Gain = 1
30
MHz
Bandwidth for 0.1 dB flatness
VCC = ±5 V
Gain = 1
30
MHz
Full power bandwidth§
VO(pp) = 20 V,
VCC = ±15 V
3.8
MHz
Full power bandwidth§
VO(pp) = 5 V,
VCC = ±5 V
12.7
MHz
SR
Slew rate‡
VCC = ±15 V,
20-V step,
Gain = 5
240
V/
µs
SR
Slew rate‡
VCC = ±5 V,
5-V step
Gain = –1
200
V/
µs
Settling time to 0 1%
VCC = ±15 V,
5-V step
Gain = 1
60
ns
t
Settling time to 0.1%
VCC = ±5 V,
2-V step
Gain = –1
60
ns
ts
Settling time to 0 01%
VCC = ±15 V,
5-V step
Gain = 1
130
ns
Settling time to 0.01%
VCC = ±5 V,
2-V step
Gain = –1
140
ns
† Full range = 0
°C to 70°C for C suffix and –40°C to 85°C for I suffix
‡ Slew rate is measured from an output level range of 25% to 75%.
§ Full power bandwidth = slew rate/2
πVO(Peak).
noise/distortion performance
PARAMETER
TEST CONDITIONS†
THS405xC, THS405xI
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC = ±15 V
RL = 150 Ω
–82
THD
Total harmonic distortion
VO(pp) = 2 V,
VCC = ±15 V
RL = 1 kΩ
–89
dBc
THD
Total harmonic distortion
O(
)
,
f = 1 MHz,
Gain = 2
VCC = ±5V
RL = 150 Ω
–78
dBc
VCC = ±5 V
RL = 1 kΩ
–87
Vn
Input voltage noise
VCC = ±5 V or ±15 V,
f = 10 kHz
14
nV/
√Hz
In
Input current noise
VCC = ±5 V or ±15 V,
f = 10 kHz
0.9
pA/
√Hz
Differential gain error
Gain = 2,
NTSC,
VCC = ±15 V
0.01%
Differential gain error
,
40 IRE modulation,
,
±100 IRE ramp
VCC = ±5 V
0.01%
Differential phase error
Gain = 2,
NTSC,
VCC = ±15 V
0.01
°
Differential phase error
,
40 IRE modulation,
,
±100 IRE ramp
VCC = ±5 V
0.03
°
Channel-to-channel crosstalk
(THS4052 only)
VCC = ±5 V or ±15 V,
f = 1 MHz
–57
dB
† Full range = 0
°C to 70°C for C suffix and –40°C to 85°C for I suffix.


Similar Part No. - THS4052CD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4052CD NSC-THS4052CD Datasheet
883Kb / 36P
   70 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4052CD TI1-THS4052CD Datasheet
1Mb / 38P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4052CDG4 NSC-THS4052CDG4 Datasheet
883Kb / 36P
   70 MHz High Speed AMPLIFIERS
THS4052CDGN NSC-THS4052CDGN Datasheet
883Kb / 36P
   70 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4052CDGN TI1-THS4052CDGN Datasheet
1Mb / 38P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4052CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4051 TI1-THS4051_18 Datasheet
1Mb / 38P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4051 NSC-THS4051 Datasheet
883Kb / 36P
   70 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS7001 TI1-THS7001_16 Datasheet
1Mb / 41P
[Old version datasheet]   70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
THS7001 TI-THS7001 Datasheet
597Kb / 32P
[Old version datasheet]   70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
THS4061 TI-THS4061_08 Datasheet
869Kb / 30P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4082 NSC-THS4082 Datasheet
971Kb / 32P
   175 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4061 TI1-THS4061_16 Datasheet
1Mb / 31P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
THS4061 TI-THS4061 Datasheet
326Kb / 22P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4061 NSC-THS4061 Datasheet
985Kb / 32P
    180 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4041 TI-THS4041 Datasheet
479Kb / 28P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com