Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CST-4301B7 Datasheet(PDF) 3 Page - China Semiconductor Corporation

Part # CST-4301B7
Description  0.4 Inch Triad Digits Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CST-4301B7 Datasheet(HTML) 3 Page - China Semiconductor Corporation

  CST-4301B7 Datasheet HTML 1Page - China Semiconductor Corporation CST-4301B7 Datasheet HTML 2Page - China Semiconductor Corporation CST-4301B7 Datasheet HTML 3Page - China Semiconductor Corporation CST-4301B7 Datasheet HTML 4Page - China Semiconductor Corporation CST-4301B7 Datasheet HTML 5Page - China Semiconductor Corporation CST-4301B7 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Internal Circuit Diagrams -
Absolute Maximum Rating -
(Ta=25 )
Symbol
Unit
PAD
mW
IAF
mA
IPF
mA
-
mA/
VR
V
Topr
Tstg
Page
2/5
120
Model No CST-4302/4301B7
Power Dissipation Per Dice
5
100
30
Parameter
Rating
PS-ND-08072520
A
-35 ~ +85
http://www.csctw.com.tw
Derating Linear From 25
Per Dice
0.4
Operating Temp.
Storage Temp.
-35 ~ +85
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
Reverse Voltage Per Dice
Peak Current Per Dice(duty cycle 1/10, 1kHz)
Continuous Forward Current Per Dice


Similar Part No. - CST-4301B7

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CST-4301A9 CHINASEMI-CST-4301A9 Datasheet
196Kb / 6P
   0.4 Inch Triad Digits Display
CST-4301E CHINASEMI-CST-4301E Datasheet
195Kb / 6P
   0.4 Inch Triad Digits Display
CST-4301G CHINASEMI-CST-4301G Datasheet
198Kb / 6P
   0.4 Inch Triad Digits Display
CST-4301M9 CHINASEMI-CST-4301M9 Datasheet
202Kb / 6P
   0.4 Inch Triad Digits Display
CST-4301S CHINASEMI-CST-4301S Datasheet
195Kb / 6P
   0.4 Inch Triad Digits Display
More results

Similar Description - CST-4301B7

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CST-432S CHINASEMI-CST-432S Datasheet
198Kb / 6P
   0.4 Inch Triad Digits Display
CST-4302E CHINASEMI-CST-4302E Datasheet
195Kb / 6P
   0.4 Inch Triad Digits Display
CST-4302T9 CHINASEMI-CST-4302T9 Datasheet
195Kb / 6P
   0.4 Inch Triad Digits Display
CST-4302V9 CHINASEMI-CST-4302V9 Datasheet
189Kb / 6P
   0.4 Inch Triad Digits Display
CST-432B7 CHINASEMI-CST-432B7 Datasheet
194Kb / 6P
   0.4 Inch Triad Digits Display
CST-432E CHINASEMI-CST-432E Datasheet
197Kb / 6P
   0.4 Inch Triad Digits Display
CST-4302M9 CHINASEMI-CST-4302M9 Datasheet
202Kb / 6P
   0.4 Inch Triad Digits Display
CST-4302S CHINASEMI-CST-4302S Datasheet
195Kb / 6P
   0.4 Inch Triad Digits Display
CST-432V9 CHINASEMI-CST-432V9 Datasheet
192Kb / 7P
   0.4 Inch Triad Digits Display
CST-432 CHINASEMI-CST-432 Datasheet
199Kb / 6P
   0.4 Inch Triad Digits Display
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com