Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS5651 Datasheet(PDF) 25 Page - Texas Instruments

Part # THS5651
Description  10-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS5651 Datasheet(HTML) 25 Page - Texas Instruments

Back Button THS5651 Datasheet HTML 20Page - Texas Instruments THS5651 Datasheet HTML 21Page - Texas Instruments THS5651 Datasheet HTML 22Page - Texas Instruments THS5651 Datasheet HTML 23Page - Texas Instruments THS5651 Datasheet HTML 24Page - Texas Instruments THS5651 Datasheet HTML 25Page - Texas Instruments THS5651 Datasheet HTML 26Page - Texas Instruments THS5651 Datasheet HTML 27Page - Texas Instruments THS5651 Datasheet HTML 28Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
THS5651
10-BIT, 100 MSPS, CommsDAC
DIGITAL-TO-ANALOG CONVERTER
SLAS197A – JUNE 1999
25
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
Table 2. Bill of Materials (Continued)
QTY
REF. DES
PART NUMBER
DESCRIPTION
MFG.
4
R12, R19, R7, R9
1206
1206 Chip resistor, 33
Ω, 1/4 W, 1%
5
R13, R17. R2, R21, R8
1206
1206 Chip resistor, 0
Ω, 1/4 W, 1%
1
R14
3214W-1-502 E or equivalent
4 mm SM Pot, 5K
Bourns
1
R15
1206
1206 Chip resistor, 2.94K, 1/4 W, 1%
1
R16
1206
1206 Chip resistor, 3K, 1/4 W, 1%
3
R18, R24, R29
1206
1206 Chip resistor, 49.94K, 1/4 W, 1%
3
R20, R3, R6
1206
1206 Chip resistor, 10K, 1/4 W, 1%
1
R22
1206
1206 Chip resistor, 10K, 1/4 W, 1%
1
R23
1206
1206 Chip resistor, 100K, 1/4 W, 1%
1
R25
1206
1206 Chip resistor, TBD, 1/4 W, 1%
4
R26, R27, R28, R30
1206
1206 Chip resistor, 750K, 1/4 W, 1%
1
T1
T1-1T-KK81
RF Transformer, T1-1T-KK81
MiniCircuits
2
U1, U2
SN74LVT245BDW
Octal bus transceiver, 3-state,
SN74LVT245B
TI
1
U3
SN74AHCT1G00DBVR/
SN74AHC1G00DBVR
Single gate NAND, SN74AHC1G00
TI
1
U4
SN74AHCT1G32DBVR/
SN74AHCC1G32DBVR
Single 2 input positive or gate,
SN74AHC1G32
TI
THS5641
THS5641IDW
DAC, 2.7–5.5 V, 8 Bit, 125 MHz
TI
THS5651
THS5651IDW
DAC, 2.7–5.5 V, 10 Bit, 125 MHz
TI
THS5661
THS5661IDW
DAC, 2.7–5.5 V, 12 Bit, 125 MHz
TI
THS5671
THS5647IDW
DAC, 2.7–5.5 V, 14 Bit, 125 MHz
TI
1
SN74ALVC08
SN74ALVC08D
Quad AND gate
TI
1
LT1004D
LT1004CD-1-2/LT1004ID-1-2
Precision 1.2 V reference
TI
0
NOT INSTALLED
AD1580BRT
Precision voltage reference, not
installed
1
THS3001
THS3001CD/THS2001ID
THS3001 high-speed op amp
TI
4
W2
TSW-102-07-L-S or equivalent
2 position jumper_.1’’ spacing, W2
Samtec
3
W3
TSW-102-07-L-S or equivalent
3 position jumper_.1’’ spacing, W3
Samtec
2
2X3_JUMPER
TSW-102-07-L-S or equivalent
6-Pin header dual row, 0.025
×0.1,
2X3_JUMPER
Samtec


Similar Part No. - THS5651

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5651A TI-THS5651A Datasheet
737Kb / 30P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651ADW TI-THS5651ADW Datasheet
737Kb / 30P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651AIDW TI-THS5651AIDW Datasheet
737Kb / 30P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651AIDW TI1-THS5651AIDW Datasheet
953Kb / 33P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651AIDWG4 TI1-THS5651AIDWG4 Datasheet
953Kb / 33P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - THS5651

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5641 TI-THS5641 Datasheet
702Kb / 28P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651A TI-THS5651A Datasheet
737Kb / 30P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641A TI-THS5641A Datasheet
703Kb / 28P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661 TI-THS5661 Datasheet
755Kb / 29P
[Old version datasheet]   12-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661A TI-THS5661A Datasheet
814Kb / 31P
[Old version datasheet]   12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651 TI1-THS5651_05 Datasheet
731Kb / 29P
[Old version datasheet]   10-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC900-Q1 TI-DAC900-Q1_15 Datasheet
720Kb / 29P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com