Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CST-332 Datasheet(PDF) 4 Page - China Semiconductor Corporation

Part No. CST-332
Description  0.36 Inch Triad Digits Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CST-332 Datasheet(HTML) 4 Page - China Semiconductor Corporation

  CST-332 Datasheet HTML 1Page - China Semiconductor Corporation CST-332 Datasheet HTML 2Page - China Semiconductor Corporation CST-332 Datasheet HTML 3Page - China Semiconductor Corporation CST-332 Datasheet HTML 4Page - China Semiconductor Corporation CST-332 Datasheet HTML 5Page - China Semiconductor Corporation CST-332 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
2.0
2.8
V
IF=20mA
Iv
-
3
-
ucd
IF=10mA
q
-
632
-
nm
IF=20mA
Od
-
624
-
nm
IF=20mA
-
35
-
nm
IF=20mA
JS
-
-
100
A
VR=5V
IV-m
-
-
2:1
.
IF=10mA
Page
3/5
Reverse Current
Dominant Wavelength
A
http://www.csctw.com.tw
Model No CST-332/333E
PS-ND-08072503
Luminous Intensity Matching Ratio
Peak Emission Wavelength
Parameter
Forward Voltage Per Segment
Luminous Intensity Per Segment
Spectrum Radiation Bandwidth


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CSD-322B7 0.3 Inch Dual Digits Display 1  2  3  4  5  China Semiconductor Corporation
CST-332A9 0.36 Inch Triad Digits Display 1  2  3  4  5  More China Semiconductor Corporation
CST-332B7 0.36 Inch Triad Digits Display 1  2  3  4  5  More China Semiconductor Corporation
CSS-3618T9 0.36 Inch Single Digit Display 1  2  3  4  5  More China Semiconductor Corporation
CSD-424B7 0.4 Inch Dual Digits Display 1  2  3  4  5  More China Semiconductor Corporation
CSD-524E 0.56 Inch Dual Digits Display 1  2  3  4  5  China Semiconductor Corporation
CSD-822G 0.8 Inch Dual Digits Display 1  2  3  4  5  China Semiconductor Corporation
CSS-3618V9 0.36 Inch Single Digit Display 1  2  3  4  5  More China Semiconductor Corporation
CSD-424E 0.4 Inch Dual Digits Display 1  2  3  4  5  China Semiconductor Corporation
CSD-524G 0.56 Inch Dual Digits Display 1  2  3  4  5  China Semiconductor Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn