Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA627 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA627
Description  WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA627 Datasheet(HTML) 1 Page - Texas Instruments

  OPA627 Datasheet HTML 1Page - Texas Instruments OPA627 Datasheet HTML 2Page - Texas Instruments OPA627 Datasheet HTML 3Page - Texas Instruments OPA627 Datasheet HTML 4Page - Texas Instruments OPA627 Datasheet HTML 5Page - Texas Instruments OPA627 Datasheet HTML 6Page - Texas Instruments OPA627 Datasheet HTML 7Page - Texas Instruments OPA627 Datasheet HTML 8Page - Texas Instruments OPA627 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
THS4601
SLOS388B – OCTOBER 2001 – REVISED JUNE 2002
WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
1
www.ti.com
FEATURES
D Gain Bandwidth Product: 180 MHz
D Slew Rate: 100 V/µs
D Maximum Input Bias Current: 100 pA
D Input Voltage Noise: 5.4 nV/√Hz
D Maximum Input Offset Voltage: 4 mV
D Input Impedance: 109 Ω || 10 pF
D Power Supply Voltage Range: ±5 to ±15 V
D Unity Gain Stable
APPLICATIONS
D Wideband Photodiode Amplifier
D High-Speed Transimpedance Gain Stage
D Test and Measurement Systems
D Current-DAC Output Buffer
D Active Filtering
D High-Speed Signal Integrator
D High-Impedance Buffer
DESCRIPTION
The THS4601 is a high-speed, FET-input operational
amplifier designed for applications requiring wideband
operation, high-input impedance, and high-power
supply voltages. By providing a 180-MHz gain-
bandwidth product,
±15-V supply operation, and
100-pA input bias current, the THS4601 is capable of
wideband transimpedance gain and large output signal
swing simultaneously. Low current and voltage noise
allow amplification of extremely low-level input signals
while still maintaining a large signal-to-noise ratio.
The characteristics of the THS4601 ideally suit it for use
as a wideband photodiode amplifier. Photodiode output
current is a prime candidate for transimpedance
amplification, an application of which is illustrated in
Figure 1. Other potential applications include test and
measurement systems requiring high-input impedance,
digital-to-analog converter output buffering, high-speed
integration, and active filtering.
A SELECTION OF RELATED OPERATIONAL AMPLIFIER PRODUCTS
DEVICE
VS
(V)
BW
(MHz)
SLEW RATE
(V/
µs)
VOLTAGE NOISE
(nV
√Hz)
DESCRIPTION
OPA627
±15
16
55
4.5
Unity-gain stable FET-input amplifier
OPA637
±15
80
135
4.5
Gain of +5 stable FET-input amplifier
OPA655
±5
400
290
6
Unity-gain stable FET-input amplifier
_
+
THS4601
CF = 0.7 pF
λ
RL = 1 kΩ
60
65
70
75
80
85
90
95
100
105
0.1
1
10
100
Frequency – MHz
100 k
Ω TRANSIMPEDANCE BANDWIDTH
Diode Capacitance: 18 pF
–3 dB Bandwidth: 4 MHz
Figure 1. Wideband Photodiode
Transimpedance Amplifier
RF = 100 kΩ
–VBias
18 pF
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2002, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - OPA627

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA627 BURR-BROWN-OPA627 Datasheet
256Kb / 13P
   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA627 TI-OPA627 Datasheet
390Kb / 20P
[Old version datasheet]   1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
OPA627 TI-OPA627 Datasheet
267Kb / 16P
[Old version datasheet]   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
OPA627 TI-OPA627 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA627 TI1-OPA627 Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
More results

Similar Description - OPA627

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4601 TI1-THS4601_14 Datasheet
614Kb / 32P
[Old version datasheet]   WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
OPA655 TI1-OPA655 Datasheet
191Kb / 16P
[Old version datasheet]   Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656 TI-OPA656 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA656 NSC-OPA656 Datasheet
778Kb / 25P
   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA656 TI1-OPA656 Datasheet
1Mb / 33P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input Operational Amplifier
OPA656-DIE TI1-OPA656-DIE Datasheet
76Kb / 4P
[Old version datasheet]   WIDEBAND, UNITY-GAIN STABLE, FET-INPUT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA655 BURR-BROWN-OPA655 Datasheet
222Kb / 14P
   Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA656NB TI-OPA656NB Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA678 BURR-BROWN-OPA678 Datasheet
279Kb / 14P
   Wideband Switched-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH740A NSC-LH740A Datasheet
111Kb / 2P
   FET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com