Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4021DGN Datasheet(PDF) 8 Page - Texas Instruments

Part # THS4021DGN
Description  350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4021DGN Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS4021DGN Datasheet HTML 4Page - Texas Instruments THS4021DGN Datasheet HTML 5Page - Texas Instruments THS4021DGN Datasheet HTML 6Page - Texas Instruments THS4021DGN Datasheet HTML 7Page - Texas Instruments THS4021DGN Datasheet HTML 8Page - Texas Instruments THS4021DGN Datasheet HTML 9Page - Texas Instruments THS4021DGN Datasheet HTML 10Page - Texas Instruments THS4021DGN Datasheet HTML 11Page - Texas Instruments THS4021DGN Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
THS4021, THS4022
350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
SLOS265B – SEPTEMBER 1999 – REVISED FEBRUARY 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 21
INPUT OFFSET VOLTAGE
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
–0.05
–0.10
–0.15
–0.20
–0.25
–0.30
–40
–20
0
20
40
60
80
100
VCC = ± 15 V
VCC = ± 5 V
Figure 22
3.30
3.25
3.20
3.15
3.10
3.05
3
–40
–20
0
20
40
60
80
100
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
TA - Free-Air Temperature - °C
VCC = ± 5 V & ±15 V
Figure 23
2
4
6
8
10
12
14
5
7
9
11
13
15
OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
±VCC – Supply Voltage – V
TA = 25°C
RL = 150 Ω
RL = 1 kΩ
Figure 24
3
5
7
9
11
13
15
5
7
9
11
13
15
TA = 25°C
COMMON-MODE INPUT VOLTAGE
vs
SUPPLY VOLTAGE
±VCC – Supply Voltage – V
0
2
4
6
8
10
12
14
–40 –20.00 0.00 20.00 40.00 60.00 80.00100.00
Figure 25
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – _C
VCC = ± 5 V
RL = 150 Ω
VCC = ± 5 V
RL = 1 kΩ
VCC = ± 15 V
RL = 250 Ω
VCC = ± 15 V
RL = 1 kΩ
–40
–20
0
20
40
60
80
100
Figure 26
11
10
9
8
7
6
5
57
9
11
13
15
TA=85°C
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
± VCC – Supply Voltage – V
TA=–40°C
TA=25°C
Figure 27
f – Frequency – Hz
VOLTAGE & CURRENT NOISE
vs
FREQUENCY
VCC = ± 15 V and ± 5 V
TA = 25°C
100
1
10
100
10
1 k
10 k
100 k
Vn
In
Figure 28
0
–10
–20
–30
–40
–50
–60
–70
–80
100 k
1 M
10 M
100 M
1 G
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
f – Frequency – Hz
VCC = ±15 V & ±5 V
–VCC
+VCC
Figure 29
0
–10
–20
–30
–40
–50
–60
100 k
1 M
10 M
100 M
1 G
CMRR
vs
FREQUENCY
f – Frequency – Hz
VCC = ±15 V or ±5 V
RF = 20 kΩ
VI(PP) = 2 V


Similar Part No. - THS4021DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4021 TI1-THS4021 Datasheet
1Mb / 29P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021CD TI1-THS4021CD Datasheet
1Mb / 29P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021CDG4 TI1-THS4021CDG4 Datasheet
1Mb / 29P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021CDGN TI1-THS4021CDGN Datasheet
1Mb / 29P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021CDGNG4 TI1-THS4021CDGNG4 Datasheet
1Mb / 29P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4021DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4021 TI1-THS4021_16 Datasheet
1Mb / 29P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031 TI-THS4031 Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031-EP TI-THS4031-EP Datasheet
1Mb / 37P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032IDR TI-THS4032IDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDR TI-THS4031CDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS40321-EP TI-THS40321-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032-EP TI1-THS4032-EP Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031 TI1-THS4031_16 Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
logo
Analog Devices
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com