Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCM29C16ADWR Datasheet(PDF) 5 Page - Texas Instruments

Part # TCM29C16ADWR
Description  COMBINED SINGLE-CHIP PCM CODEC AND FILTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM29C16ADWR Datasheet(HTML) 5 Page - Texas Instruments

  TCM29C16ADWR Datasheet HTML 1Page - Texas Instruments TCM29C16ADWR Datasheet HTML 2Page - Texas Instruments TCM29C16ADWR Datasheet HTML 3Page - Texas Instruments TCM29C16ADWR Datasheet HTML 4Page - Texas Instruments TCM29C16ADWR Datasheet HTML 5Page - Texas Instruments TCM29C16ADWR Datasheet HTML 6Page - Texas Instruments TCM29C16ADWR Datasheet HTML 7Page - Texas Instruments TCM29C16ADWR Datasheet HTML 8Page - Texas Instruments TCM29C16ADWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TCM29C13A, TCM29C14A, TCM29C16A, TCM29C17A,
TCM129C13A, TC,129C14A, TCM129C16A, TCM129C17A
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
SCTS030E – AUGUST 1989 – REVISED OCTOBER 1996
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
– 0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
– 0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
– 0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital ground voltage range
– 0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total dissipation at (or below) 25
°C free-air temperature
1375 mW
. . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TCM29CxxA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TCM129CxxA
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: DW or N package
260
°C
. . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: Voltage values for maximum ratings are with respect to VBB.
recommended operating conditions (see Note 2)
MIN
NOM
MAX
UNIT
VCC
Supply voltage (see Note 3)
4.75
5
5.25
V
VBB
Supply voltage
– 4.75
–5
– 5.25
V
Digital ground voltage, with respect to ANLG GND
0
V
VIH
High-level input voltage, all inputs except CLKSEL
2.2
V
VIL
Low-level input voltage, all inputs except CLKSEL
0.8
V
2.048 MHz
VBB
VBB +0.5
VI
CLKSEL input voltage
1.544 MHz
0
0.5
V
1.536 MHz
VCC – 0.5
VCC
RL
Load resistance
GSX
10
k
RL
Load resistance
PWRO + and/or PWRO –
300
CL
Load capacitance
GSX
50
pF
CL
Load capacitance
PWRO + and/or PWRO –
100
pF
TA
Operating free air temperature
TCM29CxxA
0
70
°C
TA
Operating free-air temperature
TCM129CxxA
–40
85
°C
NOTES:
2. To avoid possible damage to these CMOS devices and resulting reliability problems, the power-up procedure described in the device
power-up sequence paragraphs later in this document should be followed.
3. Voltage is at analog inputs and outputs. VCC and VBB terminals are with respect to ANLG GND. All other voltages are referenced
to DGTL GND unless otherwise noted.


Similar Part No. - TCM29C16ADWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM29C16 TI-TCM29C16 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C16 TI1-TCM29C16 Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C16DW TI-TCM29C16DW Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C16DWR TI1-TCM29C16DWR Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C16DWR TI-TCM29C16DWR Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results

Similar Description - TCM29C16ADWR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Intel Corporation
2913 INTEL-2913 Datasheet
1Mb / 21P
   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com