Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4001 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # THS4001
Description  270-MHz HIGH-SPEED AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4001 Datasheet(HTML) 14 Page - Texas Instruments

Back Button THS4001 Datasheet HTML 8Page - Texas Instruments THS4001 Datasheet HTML 9Page - Texas Instruments THS4001 Datasheet HTML 10Page - Texas Instruments THS4001 Datasheet HTML 11Page - Texas Instruments THS4001 Datasheet HTML 12Page - Texas Instruments THS4001 Datasheet HTML 13Page - Texas Instruments THS4001 Datasheet HTML 14Page - Texas Instruments THS4001 Datasheet HTML 15Page - Texas Instruments THS4001 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
THS4001
270-MHz HIGH-SPEED AMPLIFIER
SLOS206A– DECEMBER 1997 – REVISED MARCH 1999
14
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
circuit layout considerations (continued)
D Surface-mount passive components – Using surface mount passive components is recommended for high
frequency amplifier circuits for several reasons. First, because of the extremely low lead inductance of
surface-mount components, the problem with stray series inductance is greatly reduced. Second, the small
size of surface-mount components naturally leads to a more compact layout thereby minimizing both stray
inductance and capacitance. If leaded components are used, it is recommended that the lead lengths be
kept as short as possible.
evaluation board
An evaluation board is available for the THS4001 (literature number SLOP119). This board has been configured
for very low parasitic capacitance in order to realize the full performance of the amplifier. A schematic of the
evaluation board is shown in Figure 23. The circuitry has been designed so that the amplifier may be used in
either an inverting or noninverting configuration. To order the evaluation board contact your local TI sales office
or distributor. For more detailed information, refer to the
THS4001 EVM User’s Manual (literature number
SLOU017).
_
+
THS4001
VCC –
VCC+
C3
6.8
µF
C4
0.1
µF
C1
6.8
µF
C2
0.1
µF
R1
1 k
R5
1 k
R3
49.9
R2
49.9
R4
49.9
IN –
IN +
NULL
OUT
NULL
+
+
Figure 23.


Similar Part No. - THS4001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4001 NSC-THS4001 Datasheet
883Kb / 21P
   THS4001
logo
Texas Instruments
THS4001 TI1-THS4001 Datasheet
887Kb / 21P
[Old version datasheet]   270MHZ HIGH SPEED AMPLIFIERS
THS4001CD TI1-THS4001CD Datasheet
662Kb / 20P
[Old version datasheet]   270-MHz HIGH-SPEED AMPLIFIER
logo
National Semiconductor ...
THS4001CD NSC-THS4001CD Datasheet
883Kb / 21P
   THS4001
logo
Texas Instruments
THS4001CDG4 TI1-THS4001CDG4 Datasheet
662Kb / 20P
[Old version datasheet]   270-MHz HIGH-SPEED AMPLIFIER
More results

Similar Description - THS4001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4001CDR TI1-THS4001CDR Datasheet
662Kb / 20P
[Old version datasheet]   270-MHz HIGH-SPEED AMPLIFIER
logo
Analog Devices
AD8005 AD-AD8005_15 Datasheet
376Kb / 16P
   270 MHz, 400A Current Feedback Amplifier
REV. B
AD8005 AD-AD8005 Datasheet
183Kb / 12P
   270 MHz, 400 uA Current Feedback Amplifier
REV. A
AD8005ARTZ-REEL7 AD-AD8005ARTZ-REEL7 Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
AD8005ARZ AD-AD8005ARZ Datasheet
187Kb / 12P
   270 MHz, 400 關A Current Feedback Amplifier
REV. A
logo
National Semiconductor ...
THS4041-Q1 NSC-THS4041-Q1 Datasheet
478Kb / 24P
   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
logo
Elantec Semiconductor
EL2424 ELANTEC-EL2424 Datasheet
692Kb / 9P
   Quad 60 MHz High Speed Operational Amplifier
EL2223 ELANTEC-EL2223 Datasheet
750Kb / 10P
   Dual, 500 MHz High Speed, Operational Amplifier
logo
Texas Instruments
THS3001IDR TI-THS3001IDR Datasheet
943Kb / 39P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
logo
Elantec Semiconductor
EL2223D ELANTEC-EL2223D Datasheet
319Kb / 1P
   Dual, 500 MHz High Speed, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com