Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

THS1401 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. THS1401
Description  14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

THS1401 Datasheet(HTML) 5 Page - Texas Instruments

  THS1401 Datasheet HTML 1Page - Texas Instruments THS1401 Datasheet HTML 2Page - Texas Instruments THS1401 Datasheet HTML 3Page - Texas Instruments THS1401 Datasheet HTML 4Page - Texas Instruments THS1401 Datasheet HTML 5Page - Texas Instruments THS1401 Datasheet HTML 6Page - Texas Instruments THS1401 Datasheet HTML 7Page - Texas Instruments THS1401 Datasheet HTML 8Page - Texas Instruments THS1401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
THS1401, THS1403, THS1408
14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS
WITH INTERNAL REFERENCE AND PGA
SLAS248 – DECEMBER 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference Voltage
VBG
Bandgap voltage, internal mode
1.425
1.5
1.575
V
VBG
Input impedance
40
k
Positive reference voltage, REF+
2.5
V
Negative reference voltage, REF–
0.5
V
Reference difference,
∆REF, REF+ – REF–
2
V
Accuracy, internal reference
5%
Temperature coefficient
40
ppm/
°C
Voltage coefficient
200
ppm/V
Analog Inputs
Positive analog input, IN+
0
AVDD
V
Negative analog input, IN–
0
AVDD
V
Analog input voltage difference
∆Ain = IN+ – IN–, Vref = REF+ – REF–
–Vref
Vref
V
Input impedance
25
k
PGA range
0
7
dB
PGA step size
1
dB
PGA gain error
±0.25
dB
Digital Inputs
VIH
High-level digital input
2
V
VIL
Low-level digital input
0.8
V
Input capacitance
5
pF
Input current
±1
µA
Digital Outputs
VOH
High-level digital output
IOH = 50 µA
2.6
V
VOL
Low-level digital output
IOL = 50 µA
0.4
V
IOZ
Output current, high impedance
±10
µA
Clock Timing (CS low)
THS1401
0.1
1
1
MHz
fCLK
Clock frequency
THS1403
0.1
3
3
MHz
THS1408
0.1
8
8
MHz
td
Output delay time
25
ns
Latency
9.5
Cycles


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
THS14F0114-BIT 1 MSPS/ 3 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH FIFO INTERNAL REFERENCE AND PGA 1 2 3 4 5 MoreTexas Instruments
ADS787114-BIT 48-KSPS DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER MUX PGA AND REFERENCE 1 2 3 4 5 MoreTexas Instruments
ADS51021.8-V ANALOG SUPPLY 10-BIT 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE 1 2 3 4 5 MoreTexas Instruments
ADS841116-BIT 2 MSPS UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADC12D040Dual 12-Bit 40 MSPS 600 mW A/D Converter with Internal/External Reference and Sample-and-Hold 1 2 3 4 5 MoreNational Semiconductor (TI)
ADS841116-BIT 2 MSPS UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS840216-BIT 1.25 MSPS UNIPOLAR DIFFERENTIAL INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS841216-BIT 2 MSPS UNIPOLAR DIFFERENTIAL INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
TLV56318-CHANNEL 12-/10-/8-BIT 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE 1 2 3 4 5 MoreTexas Instruments
TLV5633C2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn