Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS1206 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS1206
Description  12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1206 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS1206 Datasheet HTML 4Page - Texas Instruments THS1206 Datasheet HTML 5Page - Texas Instruments THS1206 Datasheet HTML 6Page - Texas Instruments THS1206 Datasheet HTML 7Page - Texas Instruments THS1206 Datasheet HTML 8Page - Texas Instruments THS1206 Datasheet HTML 9Page - Texas Instruments THS1206 Datasheet HTML 10Page - Texas Instruments THS1206 Datasheet HTML 11Page - Texas Instruments THS1206 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
THS1206
12-BIT 6 MSPS, SIMULTANEOUS SAMPLING
ANALOG-TO-DIGITAL CONVERTERS
SLAS217D – MAY 1999 – REVISED APRIL 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing specifications, AVDD = 5 V, BVDD = DVDD = 3.3 V, VREF = internal, CL < 30 pF
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(DATA_AV)
Delay time
5
ns
td(o)
Delay time
5
ns
tpipe
Latency
5
CONV
CLK
timing specification of the single conversion mode
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tc
Clock cycle of the internal clock oscillator
159
167
175
ns
tw1
Pulse width, CONVST
1.5
×tc
ns
tdA
Aperture time
1
ns
1 analog input
2
×tc
ns
t2
Time between consecutive start of single conversion
2 analog inputs
3
×tc
ns
t2
Time between consecutive start of single conversion
3 analog inputs
4
×tc
ns
4 analog inputs
5
×tc
ns
1 analog input,
TL = 1
6
×tc
ns
Delay time, DATA_AV becomes active for the trigger
2 analog inputs, TL = 2
7
×tc
ns
y,
_
gg
level condition: TRIG0 = 0, TRIG1 = 0
3 analog inputs, TL = 3
8
×tc
ns
4 analog inputs, TL = 4
9
×tc
ns
1 analog input,
TL = 4
3
×t2 +6×tc
ns
td(DATA AV)
Delay time, DATA_AV becomes active for the trigger
2 analog inputs, TL = 4
t2 +7×tc
ns
td(DATA_AV)
y,
_
gg
level condition: TRIG0 = 1, TRIG1 = 0
3 analog inputs, TL = 6
t2 +8×tc
ns
4 analog inputs, TL = 8
t2 +9×tc
ns
1 analog input,
TL = 8
7
×t2 +6×tc
ns
Delay time, DATA_AV becomes active for the trigger
2 analog inputs, TL = 8
3
×t2 +7×tc
ns
y,
_
gg
level condition: TRIG0 = 0, TRIG1 = 1
3 analog inputs, TL = 9
2
×t2 +8×tc
ns
4 analog inputs, TL = 12
2
×t2 +9×tc
ns
D l
ti
DATA AV b
ti
f
th t i
1 analog input,
TL = 14
13
×t2 +6×tc
ns
td(DATA_AV)
Delay time, DATA_AV becomes active for the trigger
level condition: TRIG0 = 1 TRIG1 = 1
2 analog inputs, TL = 12
5
×t2 +7×tc
ns
(
_
)
level condition: TRIG0 = 1, TRIG1 = 1
3 analog inputs, TL = 12
3
×t2 +8×tc
ns
† Timing parameters are ensured by design but are not tested.


Similar Part No. - THS1206

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI-THS1206-EP Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206CDA TI1-THS1206CDA Datasheet
1Mb / 43P
[Old version datasheet]   12-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLINGANALOG TO-DIGITAL CONVERTERS
THS1206CDAG4 TI1-THS1206CDAG4 Datasheet
1Mb / 43P
[Old version datasheet]   12-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLINGANALOG TO-DIGITAL CONVERTERS
THS1206CDAR TI1-THS1206CDAR Datasheet
1Mb / 43P
[Old version datasheet]   12-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLINGANALOG TO-DIGITAL CONVERTERS
More results

Similar Description - THS1206

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI1-THS12082_09 Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS10064 TI-THS10064 Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1206IDAR TI1-THS1206IDAR Datasheet
1Mb / 43P
[Old version datasheet]   12-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLINGANALOG TO-DIGITAL CONVERTERS
THS1207 TI-THS1207 Datasheet
249Kb / 30P
[Old version datasheet]   12 bit 4 ANALOG INPUT 6 MSPS SIMULTANEOUS SAMPLING
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
ADS8353 TI1-ADS8353 Datasheet
2Mb / 71P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
ADS8354 TI1-ADS8354 Datasheet
2Mb / 69P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com