Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCM37C15AIN Datasheet(PDF) 4 Page - Texas Instruments

Part # TCM37C15AIN
Description  PCM COMBO WITH PROGRAMMABLE GAIN CONTROL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM37C15AIN Datasheet(HTML) 4 Page - Texas Instruments

  TCM37C15AIN Datasheet HTML 1Page - Texas Instruments TCM37C15AIN Datasheet HTML 2Page - Texas Instruments TCM37C15AIN Datasheet HTML 3Page - Texas Instruments TCM37C15AIN Datasheet HTML 4Page - Texas Instruments TCM37C15AIN Datasheet HTML 5Page - Texas Instruments TCM37C15AIN Datasheet HTML 6Page - Texas Instruments TCM37C15AIN Datasheet HTML 7Page - Texas Instruments TCM37C15AIN Datasheet HTML 8Page - Texas Instruments TCM37C15AIN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TCM37C14A, TCM37C15A
PCM COMBO WITH PROGRAMMABLE GAIN CONTROL
SLWS018B – JUNE 1996 – REVISED MAY 1998
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VBB (see Note 1)
– 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range at any analog input, VI
VCC + 0.3 V to VBB – 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation at (or below) 25
°C free-air temperature
1300 mW
. . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: DW or N package
260
°C
. . . . . . . . . . . . . . .
JEDEC Latch up
±250 mA or ±10 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: Voltage values are with respect to GND.
recommended operating conditions (see Note 2)
MIN
NOM
MAX
UNIT
Supply voltage, VCC (see Notes 2 and 3)
4.75
5
5.25
V
Supply voltage, VBB
– 4.75
–5
– 5.25
V
DGND voltage with respect to AGND
0
V
High-level input voltage, VIH
2.2
V
Low-level input voltage, VIL
0.8
V
Load resistance RL
At GSX/GSR
10
k
Load resistance, RL
At PWRO + and/or PWRO –
300
Load capacitance CL
At GSX/GSR
50
pF
Load capacitance, CL
At PWRO + and/or PWRO –
100
pF
Operating free-air temperature, TA
–40
85
°C
NOTES:
2. To avoid possible damage to these CMOS devices and resulting reliability problems, the power-up procedure described in the device
power-up sequence paragraphs later in this document should be followed.
3. Voltages at analog inputs and outputs, VCC and VBB terminals, are with respect to the AGND terminal. All other voltages are
referenced to the DGND terminal unless otherwise noted.


Similar Part No. - TCM37C15AIN

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCM3-1T MINI-TCM3-1T Datasheet
350Kb / 1P
   RF Transformer
TCM3-1T++ MINI-TCM3-1T+ Datasheet
350Kb / 1P
   RF Transformer
TCM3-1TX MINI-TCM3-1TX Datasheet
369Kb / 2P
   RF Transformer
TCM3-1TX++ MINI-TCM3-1TX+ Datasheet
369Kb / 2P
   RF Transformer
TCM3-452X MINI-TCM3-452X Datasheet
384Kb / 2P
   RF Transformer
More results

Similar Description - TCM37C15AIN

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
logo
Renesas Technology Corp
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
logo
National Semiconductor ...
TP3070 NSC-TP3070 Datasheet
401Kb / 26P
   COMBO II Programmable PCM CODEC/Filter
logo
Integrated Device Techn...
IDT82V1054A IDT-IDT82V1054A Datasheet
492Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
List of Unclassifed Man...
IDT821054PQFG ETC-IDT821054PQFG Datasheet
512Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Integrated Device Techn...
IDT821054 IDT-IDT821054 Datasheet
506Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
IDT821064 IDT-IDT821064 Datasheet
510Kb / 33P
   QUAD PROGRAMMABLE PCM CODEC WITH GCI INTERFACE
logo
Micro Linear Corporatio...
ML2036 MICRO-LINEAR-ML2036 Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Fairchild Semiconductor
ML2036 FAIRCHILD-ML2036 Datasheet
97Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Renesas Technology Corp
IDT821054 RENESAS-IDT821054 Datasheet
788Kb / 46P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com