Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER-48-240040-6 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HER-48-240040-6
Description  AC/DC EXTERNAL REGULATED WALLMOUNT & DESKTOP ADAPTER DIVERSE AC PLUGS SINGLE OUTPUT 6.0-13.0 WATTS LINEAR POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HER-48-240040-6 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HER-48-240040-6 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HER-48-240040-6 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-54-
MODEL NO. DESCRIPTION: HER-48 X X X Y Y (Y)-N
O/P CURRENT: 2 digit for U.S version.
3 digit for European version.
OUTPUT VOLTAGE
SERIES NAME IN EI-48 X’FORMER SIZE
OUTPUT VOLTAGE / CURRENT RATINGS CHART
U.S.A. VERSION Input Voltage: 120Vac/ 0.25A @60Hz.
DEFINED OUTPUT VOLTAGE (Vdc)
OUTPUT VOLTAGE (Vdc) / CURRENT (A)
5.0Vdc ≤ Any Voltage ≤ 15.0Vdc
5.0-7.0V/1.7-1.4A, 7.5-9.0V/1.3-1.2A, 9.5-11.0V/1.1A,
11.5-12.0V/1.0A, 12V/1.2A, 12.5-13.0V/0.9A, 13.5-15.0V/0.8A.
15.0Vdc < Any Voltage ≤ 24.0Vdc
1
5.5-17.0V/0.7A, 17.5-20.0V/0.6A, 20.5-24.0V/ 0.5A.
Note: Refer to the upper Chat or consult factory for the exact Model No. and V/A.
SINGLE OUPUT (Model No. for examples)
MODEL NO.
AC PLUG
I/P VOLTAGE
O/P VOLTAGE
O/P CURRENT
HER-48-05017-1
WM1
120Vac
5.0Vdc
1.70A
HER-48-06015-2
WM2
120Vac
6.0Vdc
1.50A
HER-48-09012-1
WM1
120Vac
9.0Vdc
1.20A
HER-48-12010-2
WM2
120Vac
12.0Vdc
1.00A
HER-48-15008-1
WM1
120Vac
15.0Vdc
0.80A
HER-48-24005-2
WM2
120Vac
24.0Vdc
0.50A
EUROPEAN VERSION Input Voltage: 220-240Vac/0.15A @50Hz.
DEFINED OUTPUT VOLTAGE(Vdc)
OUTPUT VOLTAGE (Vdc) / CURRENT (A)
5.0Vdc ≤ Any Voltage ≤ 12.0 Vdc
5.0-7.0V/1.2-1.0A, 7.5-9.5V/0.98-0.90A,
10.0-11.0V/0.88-0.84A, 11.5-12.0V/0.82-0.80A,
12.0Vdc < Any Voltage ≤ 24.0 Vdc
12.5-14.0V/0.77-0.69A, 14.5-16.0V/0.66-0.60A, 16.5-18.0V/0.58-0.53A,
18.5-20.0V/0.52-0.48A, 20.5-22.0V/0.47-0.44A, 22.5-24.0V/ 0.43-0.40A.
Note: Refer to the upper Chat or consult factory for the exact Model No. and V/A.
SINGLE OUPUT (Model No. for examples)
MODEL NO.
AC PLUG
I/P VOLTAGE
O/P VOLTAGE
O/P CURRENT
HER-48-050120-3
WM3
220Vac
5.0Vdc
1.20A
HER-48-060110-4
WM4
220Vac
6.0Vdc
1.10A
HER-48-090092-5
WM5
240Vac
9.0Vdc
0.92A
HER-48-120080-6
WM6
240Vac
12.0Vdc
0.80A
HER-48-150064-3
WM3
220Vac
15.0Vdc
0.64A
HER-48-180053-4
WM4
220Vac
18.0Vdc
0.53A
HER-48-200048-5
WM5
240Vac
20.0Vdc
0.48A
HER-48-240040-6
WM6
240Vac
24.0Vdc
0.40A
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 550g (19.4 Oz.)
AC PLUG TYPE:
[1]WM1, [2]WM2, [3]WM3, [4]WM4, [5]WM5,
[6]WM6, [6G] WM6G
[A] PT1, [B] PT2, [C] PT3, [D] PT4, [E] PT5, [F] PT6


Similar Part No. - HER-48-240040-6

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HER-35 HITRON-HER-35 Datasheet
229Kb / 2P
   AC/DC EXTERNAL REGULATED WALLMOUNT ADAPTER 2-BLADE USA AND EURO-STECKER AC PLUG SINGLE OUTPUT 1.6-3.6 WATTS LINEAR POWER SUPPLIES
HER-35-033050-3 HITRON-HER-35-033050-3 Datasheet
229Kb / 2P
   AC/DC EXTERNAL REGULATED WALLMOUNT ADAPTER 2-BLADE USA AND EURO-STECKER AC PLUG SINGLE OUTPUT 1.6-3.6 WATTS LINEAR POWER SUPPLIES
HER-35-033060-1 HITRON-HER-35-033060-1 Datasheet
229Kb / 2P
   AC/DC EXTERNAL REGULATED WALLMOUNT ADAPTER 2-BLADE USA AND EURO-STECKER AC PLUG SINGLE OUTPUT 1.6-3.6 WATTS LINEAR POWER SUPPLIES
HER-35-050048-3 HITRON-HER-35-050048-3 Datasheet
229Kb / 2P
   AC/DC EXTERNAL REGULATED WALLMOUNT ADAPTER 2-BLADE USA AND EURO-STECKER AC PLUG SINGLE OUTPUT 1.6-3.6 WATTS LINEAR POWER SUPPLIES
HER-35-050052-1 HITRON-HER-35-050052-1 Datasheet
229Kb / 2P
   AC/DC EXTERNAL REGULATED WALLMOUNT ADAPTER 2-BLADE USA AND EURO-STECKER AC PLUG SINGLE OUTPUT 1.6-3.6 WATTS LINEAR POWER SUPPLIES
More results

Similar Description - HER-48-240040-6

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HEA-48 HITRON-HEA-48 Datasheet
365Kb / 2P
   AC TO DC EXTERNAL UN-REGULATED WALLMOUNT & DESKTOP ADAPTOR DIVERSE AC PLUGS SINGLE OUTPUT 12.0-15.6 WATTS LINEAR POWER ADAPTORS
HEA-41 HITRON-HEA-41 Datasheet
238Kb / 2P
   AC TO DC EXTERNAL UN-REGULATED WALLMOUNT ADAPTOR DIVERSE AC PLUGS SINGLE OUTPUT 8.4-9.6 WATTS LINEAR POWER ADAPTORS
HES18 HITRON-HES18 Datasheet
330Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
HES12 HITRON-HES12 Datasheet
300Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE OUTPUT 12 WATTS SWITCHING POWER SUPPLIES
HES15 HITRON-HES15 Datasheet
345Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 15-16 WATTS SWITCHING POWER SUPPLIES
HER-35 HITRON-HER-35 Datasheet
229Kb / 2P
   AC/DC EXTERNAL REGULATED WALLMOUNT ADAPTER 2-BLADE USA AND EURO-STECKER AC PLUG SINGLE OUTPUT 1.6-3.6 WATTS LINEAR POWER SUPPLIES
HES102 HITRON-HES102 Datasheet
272Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS SWITCHING POWER SUPPLIES
HES25 HITRON-HES25 Datasheet
317Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 20-36 WATTS SWITCHING POWER SUPPLIES
HES75 HITRON-HES75 Datasheet
297Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 75 WATTS SWITCHING POWER SUPPLIES
HES10 HITRON-HES10 Datasheet
364Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com