Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HEP103 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part No. HEP103
Description  HARMONIC CORRECTION (PFC) AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 95-103 WATTS SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITRON [HITRON ELECTRONICS CORPORTION]
Homepage  http://www.hitron-e.com
Logo 

HEP103 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-51-
H HiTRON
HARMONIC CORRECTION (PFC) AC/DC EXTERNAL DESKTOP
ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 95-103 WATTS
SWITCHING POWER SUPPLIES HEP103 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC INPUT
DESKTOP IEC320-3P AC RECEPTACLE
MEETS IEC 61000-3-2 HARMONIC
CORRECTION
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET EN 55022/FCC CLASS B
CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac typical.
Power Factor Correction (PFC) installed.
Input Connector: IEC320-3P AC receptacle.
Input Frequency: 47-63Hz.
Inrush Current: Cold start 29A @230Vac.
Input Current: 1.1A @115Vac &
0.55A @230Vac typical.
Dielectric Withstand: Meet IEC950.
EMI: Meet EN55022 / FCC Class B.
Hold-up Time: 23mS typical @115Vac & 230Vac.
Over Temp. Protection (OTP): Installed.
Earth Leakage: 0.70mA @230Vac.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: 95-103 Watts typical.
Output Connector & Cord: Optional.
Line Regulation: 0.1% typical.
Load Regulation: ± 1.5-3.0% typical.
Noise & Ripple: 0.5-1.0% typical peak to peak.
OVP: Built-in, Latched circuit.
Adjustability: Factory set, not available.
Overload Protection:
Typical 110-130% of max. power overrange or
short circuit, power foldback & self-recovering.
GENERAL SPECIFICATION
Efficiency: 80.0% typical.
Switching Frequency: Approximate 165k Hz.
Circuit Topology: Fixed frequency Forward circuit.
Transient Response: Output voltage returns in about
0.1mS following a 25% load change.
Safety Standard: UL1950/EN60950 Class I. Harmonic
Current Emission, EN61000-3-2 compliance.
Power Density: 2.5 Watts / Cubic inch.
Operating Temperature: 0 to +40°C.
Storage Temperature: -20°C to +85°C.
Temperature Coefficient: 0.04%/°C.
Cooling: Internal fan installed.
Construction: Impact resistant thermo- plastic enclosure.
Power Factor: 0.99 @115Vac.
Desktop Format.
NOTE: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Load regulation is measured at 115Vac or 230Vac in percentage to indicate the change in output voltage as the load is varied from half load to full load (±%).
(3) The typical cord length is about 1 meter (3.3 ft.), AWG#18 cord for various load conditions.
In application
Due to requests in market and advances in technology, specifications subject to change without notice.


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HEP70HARMONIC CORRECTION PFC AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 68 WATTS SWITCHING POWER SUPPLIES 1 2 HITRON ELECTRONICS CORPORTION
HEMP100GHARMONIC CORRECTION AC/DC MEDICAL APPLICATION EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS GREEN POWER SWITCHING POWER SUPPLIES 1 2 HITRON ELECTRONICS CORPORTION
HEG75AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 60-75 WATTS GREEN POWER SWITCHING POWER SUPPLIES 1 2 HITRON ELECTRONICS CORPORTION
HES51AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 45-51 WATTS SWITCHING POWER SUPPLIES 1 2 HITRON ELECTRONICS CORPORTION
HEG42AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 42 WATTS GREEN POWER SWITCHING POWER SUPPLIES 1 2 HITRON ELECTRONICS CORPORTION
HEMG75AC/DC MEDICAL APPLICATION EXTERNAL ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 70 WATTS GREEN POWER SWITCHING POWER SUPPLIES 1 2 HITRON ELECTRONICS CORPORTION
HEG24AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 24 WATTS GREEN POWER SWITCHING POWER SUPPLIES 1 2 HITRON ELECTRONICS CORPORTION
HAC203PUNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP LOW VOLTAGE CompactPCI PENTA OUTPUT 200 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES 1 2 HITRON ELECTRONICS CORPORTION
HAC250PUNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES 1 2 HITRON ELECTRONICS CORPORTION

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn