Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTRJG31D4GD1003A Datasheet(PDF) 2 Page - Central Technologies

Part # CTRJG31D4GD1003A
Description  Integrated RJ45 Magnetic Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTRJG31D4GD1003A Datasheet(HTML) 2 Page - Central Technologies

  CTRJG31D4GD1003A Datasheet HTML 1Page - Central Technologies CTRJG31D4GD1003A Datasheet HTML 2Page - Central Technologies CTRJG31D4GD1003A Datasheet HTML 3Page - Central Technologies CTRJG31D4GD1003A Datasheet HTML 4Page - Central Technologies CTRJG31D4GD1003A Datasheet HTML 5Page - Central Technologies CTRJG31D4GD1003A Datasheet HTML 6Page - Central Technologies CTRJG31D4GD1003A Datasheet HTML 7Page - Central Technologies CTRJG31D4GD1003A Datasheet HTML 8Page - Central Technologies CTRJG31D4GD1003A Datasheet HTML 9Page - Central Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Integrated RJ45 Magnetic Connectors
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
06.06.07
ORDERING INFO
CTRJG Series
Part
Turns Ratio
EMI
LEDs
LEDs
Insertion Loss
Return Loss 100
Ω
Ω ± 15Ω
Ω
Cross Talk
C.M.R.
Hi-pot
Number
TD1/2/3/4
Fingers
(L/R)
(U/D)
(dB max.)
(dB min.)
(dB min.)
(dB min)
(Vrms)
1-100
1-125
100-125
1-30
1-60
60-80
80-100
1-30
1-60
60-100
1-60
60-100
60HZ/1 min.
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
CTRJG26S1GYU1001A
1CT:1CT
YES
G/Y
-
-
-1.2
-
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S1GGU1001A
1CT:1CT
YES
G/G
-
-
-1.2
-
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S1YGU1001A
1CT:1CT
YES
Y/G
-
-
-1.2
-
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S1GYU1002A
1CT:1CT
YES
G/Y
-
-
-1.2
-
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S1GGU1002A
1CT:1CT
YES
G/G
-
-
-1.2
-
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S1YGU1002A
1CT:1CT
YES
Y/G
-
-
-1.2
-
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S1GYU1003A
1CT:1CT
YES
G/Y
-
-
-1.2
-
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S1GGU1003A
1CT:1CT
YES
G/G
-
-
-1.2
-
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S1YGU1003A
1CT:1CT
YES
Y/G
-
-
-1.2
-
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S1GYU1012A
1CT:1CT
YES
G/Y
-
-
-1.2
-
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S1GGU1012A
1CT:1CT
YES
G/G
-
-
-1.2
-
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S1YGU1012A
1CT:1CT
YES
Y/G
-
-
-1.2
-
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S1GYU1013A
1CT:1CT
YES
G/Y
-
-
-1.2
-
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S1GGU1013A
1CT:1CT
YES
G/G
-
-
-1.2
-
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S1YGU1013A
1CT:1CT
YES
Y/G
-
-
-1.2
-
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S2GYU1012B
1CT:1CT
-
G/Y
-
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S2GGU1012B
1CT:1CT
-
G/G
-
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S2YGU1012B
1CT:1CT
-
Y/G
-
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S2GYU1015B
1CT:1CT
-
G/Y
-
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S2GGU1015B
1CT:1CT
-
G/G
-
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S2YGU1015B
1CT:1CT
-
Y/G
-
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S4GYU1012B
1CT:1CT
-
G/Y
-
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S4GGU1012B
1CT:1CT
-
G/G
-
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S4YGU1012B
1CT:1CT
-
Y/G
-
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S4GYU1015B
1CT:1CT
-
G/Y
-
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S4GGU1015B
1CT:1CT
-
G/G
-
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S4YGU1015B
1CT:1CT
-
Y/G
-
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S6GYU1012B
1CT:1CT
-
G/Y
-
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S6GGU1012B
1CT:1CT
-
G/G
-
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S6YGU1012B
1CT:1CT
-
Y/G
-
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S6GYU1015B
1CT:1CT
-
G/Y
-
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S6GGU1015B
1CT:1CT
-
G/G
-
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S6YGU1015B
1CT:1CT
-
Y/G
-
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S8GYU1012B
1CT:1CT
-
G/Y
-
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S8GGU1012B
1CT:1CT
-
G/G
-
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S8YGU1012B
1CT:1CT
-
Y/G
-
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S8GYU1015B
1CT:1CT
-
G/Y
-
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S8GGU1015B
1CT:1CT
-
G/G
-
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG26S8YGU1015B
1CT:1CT
-
Y/G
-
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG33S1GYU1223C
1CT:1CT
YES
G/Y
-
-
-1.2
-
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG33S1GGU1223C
1CT:1CT
YES
G/G
-
-
-1.2
-
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG33S1YGU1223C
1CT:1CT
YES
Y/G
-
-
-1.2
-
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG33S1GYU1224C
1CT:1CT
YES
G/Y
-
-
-1.2
-
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG33S1GGU1224C
1CT:1CT
YES
G/G
-
-
-1.2
-
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG33S1GGU1224C
1CT:1CT
YES
G/G
-
-
-1.2
-
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG33S1GYU1226C
1CT:1CT
YES
G/Y
-
-
-1.2
-
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG33S1GGU1226C
1CT:1CT
YES
G/G
-
-
-1.2
-
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG33S1YGU1226C
1CT:1CT
YES
Y/G
-
-
-1.2
-
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG33S1GYU1227C
1CT:1CT
YES
G/Y
-
-
-1.2
-
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG33S1GGU1227C
1CT:1CT
YES
G/G
-
-
-1.2
-
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG33S1YGU1227C
1CT:1CT
YES
Y/G
-
-
-1.2
-
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG33S1GYGU1227C
1CT:1CT
YES
GY/G
-
-
-1.2
-
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG29D1NNN1013D
1CT:1CT
-
-
N/N
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG29D4NNN1013D
1CT:1CT
-
-
N/N
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG29D6NNN1013D
1CT:1CT
-
-
N/N
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG29D8NNN1013D
1CT:1CT
-
-
N/N
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG29D1NNN1015D
1CT:1CT
-
-
N/N
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG29D4NNN1015D
1CT:1CT
-
-
N/N
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG29D6NNN1015D
1CT:1CT
-
-
N/N
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG29D8NNN1015D
1CT:1CT
-
-
N/N
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG31D1GONN1013D
1CT:1CT
-
-
GO/N
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG31D4GONN1013D
1CT:1CT
-
-
GO/N
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG31D6GONN1013D
1CT:1CT
-
-
GO/N
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG31D8GONN1013D
1CT:1CT
-
-
GO/N
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG31D1GONN1015D
1CT:1CT
-
-
GO/N
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG31D4GONN1015D
1CT:1CT
-
-
GO/N
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG31D6GONN1015D
1CT:1CT
-
-
GO/N
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500
CTRJG31D8GONN1015D
1CT:1CT
-
-
GO/N
-1.0
-
-1.2
-18
-16
-12
-10
-40
-35
-30
-40
-30
1500


Similar Part No. - CTRJG31D4GD1003A

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTRJGU CT-CTRJGU Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
CTRJGU27S1GU1026 CT-CTRJGU27S1GU1026 Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
CTRJGU27S1GU1033 CT-CTRJGU27S1GU1033 Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
CTRJGU27S1NU1026 CT-CTRJGU27S1NU1026 Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
CTRJGU27S1NU1033 CT-CTRJGU27S1NU1033 Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
More results

Similar Description - CTRJG31D4GD1003A

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTRJGU CT-CTRJGU Datasheet
421Kb / 4P
   Integrated RJ45 Magnetic Connectors
CTRJM CT-CTRJM Datasheet
907Kb / 10P
   Integrated RJ45 Magnetic Connectors
logo
List of Unclassifed Man...
A60-142-200P431 ETC2-A60-142-200P431 Datasheet
349Kb / 6P
   STANDARD RJ45 MAGNETIC JACKS
logo
Abracon Corporation
ARJ-10XX ABRACON-ARJ-10XX Datasheet
628Kb / 2P
   GIGABIT RJ45 LAN MAGNETIC
logo
Yuan Dean Scientific., ...
56F-2001DGD2NL YUANDEAN-56F-2001DGD2NL Datasheet
345Kb / 2P
   RJ45 Integrated Jack
56F-16061DDD2NL YUANDEAN-56F-16061DDD2NL Datasheet
336Kb / 2P
   RJ45 Integrated Jack
56F-1801DDD2NL YUANDEAN-56F-1801DDD2NL Datasheet
347Kb / 2P
   RJ45 Integrated Jack
logo
List of Unclassifed Man...
TIC-L019-16 ETC2-TIC-L019-16 Datasheet
1Mb / 2P
   RJ45 Integrated Connector
logo
Abracon Corporation
ARJ-1XX ABRACON-ARJ-1XX Datasheet
655Kb / 2P
   TAP DOWN RJ45 LAN MAGNETIC
logo
HALO Electronics, Inc.
HFJV1-1041RL HALO-HFJV1-1041RL Datasheet
434Kb / 2P
   1x1 10BASE-T Magnetic Vertical RJ45
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com