Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HDM11-S Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part No. HDM11-S
Description  PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES INDUSTRIAL GRADE 10 WATTS SINGLE & DUAL OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITRON [HITRON ELECTRONICS CORPORTION]
Homepage  http://www.hitron-e.com
Logo 

HDM11-S Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-22-
INPUT/ OUTPUT & VOLTAGE/ CURRENT RATINGS CHART
SINGLE OUTPUT
INPUT
INPUT CURRENT
OUTPUT
OUTPUT
CASE
MODEL NO.
Vdc
N.L.
(mA)
F.L.
VO1(Vdc)
VO1(A)
SIZE
HDM11-12D-S03
9.0- 36.0
50
900
3.3V
2.50A
DM1A
HDM11-12D-S05
9.0- 36.0
50
1070
5.0V
2.00A
DM1A
HDM11-12D-S09
9.0- 36.0
50
1050
9.0V
1.10A
DM1A
HDM11-12D-S12
9.0- 36.0
50
1050
12.0V
0.83A
DM1A
HDM11-12D-S15
9.0- 36.0
50
1050
15.0V
0.67A
DM1A
HDM11-24D-S03
9.0- 36.0
50
450
3.3V
2.50A
DM1A
HDM11-24D-S05
9.0- 36.0
50
535
5.0V
2.00A
DM1A
HDM11-24D-S09
9.0- 36.0
50
525
9.0V
1.10A
DM1A
HDM11-24D-S12
9.0- 36.0
50
525
12.0V
0.83A
DM1A
HDM11-24D-S15
9.0- 36.0
50
525
15.0V
0.67A
DM1A
HDM11-48D-S03
18.0- 72.0
46
220
3.3V
2.50A
DM1A
HDM11-48D-S05
18.0- 72.0
46
260
5. 0V
2.00A
DM1A
HDM11-48D-S09
18.0- 72.0
46
255
9.0V
1.10A
DM1A
HDM11-48D-S12
18.0- 72.0
46
255
12.0V
0.83A
DM1A
HDM11-48D-S15
18.0- 72.0
46
255
15.0V
0.67A
DM1A
DUAL OUTPUT
INPUT
INPUT CURRENT
OUTPUT (Vdc)
OUTPUT (A)
CASE
MODEL NO.
Vdc
N.L.
(mA)
F.L.
+VO1
-VO2
+VO1
-VO2
SIZE
HDM11-12D-D03
9.0- 36.0
50
910
+3.3V
-3.3V
1.25A
1.25A
DM1A
HDM11-12D-D05
9.0- 36.0
50
1070
+5.0V
-5.0V
1.00A
1.00A
DM1A
HDM11-12D-D12
9.0- 36.0
50
1070
+12.0V
-12.0V
0.42A
0.42A
DM1A
HDM11-12D-D15
9.0- 36.0
50
1040
+15.0V
-15.0V
0.33A
0.33A
DM1A
HDM11-24D-D03
9.0- 36.0
50
455
+3.3V
-3.3V
1.25A
1.25A
DM1A
HDM11-24D-D05
9.0- 36.0
50
535
+5.0V
-5.0V
1.00A
1.00A
DM1A
HDM11-24D-D12
9.0- 36.0
50
535
+12.0V
-12.0V
0.42A
0.42A
DM1A
HDM11-24D-D15
9.0- 36.0
50
520
+15.0V
-15.0V
0.33A
0.33A
DM1A
HDM11-48D-D03
18.0- 72.0
46
220
+3.3V
-3.3V
1.25A
1.25A
DM1A
HDM11-48D-D05
18.0- 72.0
46
260
+5.0V
-5.0V
1.00A
1.00A
DM1A
HDM11-48D-D12
18.0- 72.0
46
260
+12.0V
-12.0V
0.42A
0.42A
DM1A
HDM11-48D-D15
18.0- 72.0
46
255
+15.0V
-15.0V
0.33A
0.33A
DM1A
Symbols: "★" OVP built-in.
"
" Double Feedback.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 20.0g (0.71 Oz.)
DERATING CHART
PIN ASSIGNMENT
PIN NO. SINGLE
DUAL
PIN# 1. Remote ON/OFF
Remote ON/OFF
PIN# 2. - INPUT/-Vin
- INPUT/-Vin
PIN# 3. + INPUT
+ INPUT
PIN# 4. DC-COM
- VO2
PIN# 5. NO PIN
DC-COM
PIN# 6. VO1
+VO1
CASE SIZE: DM1A


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn