Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HDM08-S Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part No. HDM08-S
Description  PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 8 WATTS SINGLE & DUAL OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITRON [HITRON ELECTRONICS CORPORTION]
Homepage  http://www.hitron-e.com
Logo 

HDM08-S Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-17-
H HiTRON
PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES
8 WATTS SINGLE & DUAL OUTPUT HDM08-S & HDM08-D SERIES
SPECIFICATION
INPUT SPECIFICATION
Input Range: Wide 4:1 & 2:1 DC input range.
See Ratings Chart.
Input Voltage: Nominal 12/24/48 Vdc.
Input Current: Various with input range and load.
See Ratings Chart.
Input Fuse: Use external fuse.
Input Filter: Pi-Network.
Undervoltage Shutdown: 8Vdc.
Isolation Resistance: 1,000 Mega Ohms.
Isolation Voltage: 1,500Vdc.
EMI: Six-sided metal shielding.
FEATURES:
LOW COST SINGLE & DUAL OUTPUT
WIDE 4:1 & 2:1 INPUT RANGE
8W ISOLATED OUTPUT
SIX-SIDED METAL SHIELD
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Voltage Accuracy: Main O/P ±2.0% typical.
Line Regulation: Various with output voltages.
±0.5% typical.
Load Regulation: Various with output voltages.
Single O/P±1.0% typical.
Dual O/P ±2.0% typical.
Noise & Ripple: Typical 100mV for 3.3V/5.0V &
1.0% for others peak to peak.
OVP: Built-in on main output.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
OLP set at about 125-150% rating output wattage.
Consult the factory for OLP setting.
GENERAL SPECIFICATION
Efficiency: 84% typical various with input.
Switching Frequency: Fixed frequency 100K Hz.
Circuit Topology: 100K Hz. Forward Circuit.
Transient Response: Peak deviation 200mV.
Recovery time< 3mS for a 25% load change.
Case: Black coated steel with non-conductive metal base.
Power Density: 10Watts. / Cubic inch.
Commercial Grade only.
MTBF: 1,000,000 hours. Mil Std 217, 25°C.
Operating Temperature: -10 to +70°C range.
0°C to +60°C full load without derating.
From +60°C, derating linearly to half load @+70°C.
(Refer to Derating Chart.)
Temperature: -20°C to +85°C.
Temperature Coefficient: ± 0.03% /°C.
Cooling: Convection cooling up to +60°C @ full load.
At least 100LFM moving air is recommended for
F-L > +60°C in a confined area.
Humidity: Up to 95%RH, Non-condensing.
NOTE: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Line Regulation measured from High to Low Lines at full load.
(3) Load Regulation measured from Full Load to 1/2 Full Load at nominal input.
(4) Correct fuse size by calculating the max. DC current drains at low Line input & Load and then adding 20-25%for the desired fuse size.
Due to requests in market and advances in technology, specifications subject to change without notice.


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn