Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDH165-24B-S018600 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HDH165-24B-S018600
Description  ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 165-200 WATTS SINGLE & DUAL OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HDH165-24B-S018600 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HDH165-24B-S018600 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HDH165-24B-S018600 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-40-
INPUT/OUTPUT & VOLTAGE/CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 73.0g (2.6 Oz.)
SINGLE OUTPUT
INPUT Vdc
OUTPUT VO1 ★#※
MODEL NO.
Range
Nominal
TYP. VOLT. MAX. PEAK
HDH165-24B-S018600
18-36Vdc
24Vdc
60A 1.8Vdc 62A
64A
HDH165-24B-S025600
18-36Vdc
24Vdc
60A 2.5Vdc 62A
64A
HDH165-24B-S033500
18-36Vdc
24Vdc
50A 3.3Vdc 52A
53A
HDH165-24B-S050450
18-36Vdc
24Vdc
45A 5.0Vdc 47A
48A
HDH165-48B-S018600
36-72Vdc
48Vdc
60A 1.8Vdc 62A
64A
HDH165-48B-S025600
36-72Vdc
48Vdc
60A 2.5Vdc 62A
64A
HDH165-48B-S033500
36-72Vdc
48Vdc
50A 3.3Vdc 52A
53A
HDH165-48B-S050450
36-72Vdc
48Vdc
45A 5.0Vdc 47A
48A
DUAL OUTPUT
INPUT Vdc
OUTPUT VO1 ★@
OUTPUT VO2 ★@
MODEL NO.
Range
Nominal
MIN.
TYP. VOLT. MAX. MIN.
TYP. VOLT. MAX.
HDH165-24B-D025B
18-36Vdc
24Vdc
0A
25A
2.5Vdc
27A
0A
25A
1.8Vdc
27A
HDH165-24B-D033B
18-36Vdc
24Vdc
0A
22A
3.3Vdc
25A
0A
25A
1.8Vdc
27A
HDH165-24B-D033C
18-36Vdc
24Vdc
0A
22A
3.3Vdc
25A
0A
25A
2.5Vdc
27A
HDH165-24B-D050C
18-36Vdc
24Vdc
0A
20A
5.0Vdc
22A
0A
25A
2.5Vdc
27A
HDH165-24B-D050D
18-36Vdc
24Vdc
0A
20A
5.0Vdc
22A
0A
22A
3.3Vdc
25A
HDH165-48B-D025B
36-72Vdc
48Vdc
0A
25A
2.5Vdc
27A
0A
25A
1.8Vdc
27A
HDH165-48B-D033B
36-72Vdc
48Vdc
0A
22A
3.3Vdc
25A
0A
25A
1.8Vdc
27A
HDH165-48B-D033C
36-72Vdc
48Vdc
0A
22A
3.3Vdc
25A
0A
25A
2.5Vdc
27A
HDH165-48B-D050C
36-72Vdc
48Vdc
0A
20A
5.0Vdc
22A
0A
25A
2.5Vdc
27A
HDH165-48B-D050D
36-72Vdc
48Vdc
0A
20A
5.0Vdc
22A
0A
22A
3.3Vdc
25A
Symbols: "★" OVP built-in.
"#" Remote sensing.
"@" Adjustable.
"※" Synchronous Rectifier.
Remarks: Peak output, less than 60Sec. With duty cycle <10%.
PIN ASSIGNMENT
PIN NO. SINGLE
DUAL
PIN# 1.
+Vin
+Vin
PIN# 2.
REMOTE
ON/OFF
REMOTE
ON/OFF
PIN# 3.
CASE
CASE
PIN# 4.
-Vin
-Vin
PIN# 5. DC COM.
VO2
PIN# 6.
-SENSE
DC COM
PIN# 7. VO1 ADJ.
VO2 ADJ.
PIN# 8.
+SENSE
VO1
PIN# 9.
VO1
DC COM
PIN# 10.
-------
VO1 ADJ.
DERATING CHART
DUAL O/P
SINGLE O/P


Similar Part No. - HDH165-24B-S018600

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HDH100-24B HITRON-HDH100-24B Datasheet
335Kb / 2P
   ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 100-150 WATTS SINGLE & DUAL OUTPUT
HDH100-24B-D025B HITRON-HDH100-24B-D025B Datasheet
335Kb / 2P
   ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 100-150 WATTS SINGLE & DUAL OUTPUT
HDH100-24B-D033B HITRON-HDH100-24B-D033B Datasheet
335Kb / 2P
   ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 100-150 WATTS SINGLE & DUAL OUTPUT
HDH100-24B-D033C HITRON-HDH100-24B-D033C Datasheet
335Kb / 2P
   ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 100-150 WATTS SINGLE & DUAL OUTPUT
HDH100-24B-D050C HITRON-HDH100-24B-D050C Datasheet
335Kb / 2P
   ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 100-150 WATTS SINGLE & DUAL OUTPUT
More results

Similar Description - HDH165-24B-S018600

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HDH100-24B HITRON-HDH100-24B Datasheet
335Kb / 2P
   ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 100-150 WATTS SINGLE & DUAL OUTPUT
HDH80-24B HITRON-HDH80-24B Datasheet
431Kb / 2P
   ON-BOARD DC-DC CONVERTER QUARTER-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 48-110 WATTS SINGLE OUTPUT
HDH40-24D HITRON-HDH40-24D Datasheet
404Kb / 2P
   ON-BOARD DC-DC CONVERTER BASE PLATE POWER MODULE INDUSTRIAL GRADE 40 WATTS SINGLE & MULTIPLE OUTPUT
logo
Wall Industries,Inc.
DCHBU200 WALL-DCHBU200 Datasheet
327Kb / 4P
   Up to 200 Watts DC/DC Half-Brick Converter Single Output
logo
HITRON ELECTRONICS CORP...
HDM10-S HITRON-HDM10-S Datasheet
146Kb / 2P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 10 WATTS SINGLE & DUAL OUTPUT
HDM20-S HITRON-HDM20-S Datasheet
276Kb / 4P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 20 WATTS SINGLE & DUAL OUTPUT
logo
Wall Industries,Inc.
DCHBW200 WALL-DCHBW200_18 Datasheet
1Mb / 12P
   165~240 Watts, Half-Brick DC/DC Power Converters
DCHB200 WALL-DCHB200 Datasheet
817Kb / 9P
   165 - 255 Watts, Half-Brick DC - DC Power Converters
DCHBW200 WALL-DCHBW200 Datasheet
1Mb / 10P
   165 - 240 Watts, Half-Brick DC - DC Power Converters
DCHB200 WALL-DCHB200_18 Datasheet
2Mb / 9P
   165~255 Watts, Half-Brick DC/DC Power Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com