Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HDH165-24B Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part No. HDH165-24B
Description  ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE POWER MODULES INDUSTRIAL GRADE 165-200 WATTS SINGLE & DUAL OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITRON [HITRON ELECTRONICS CORPORTION]
Homepage  http://www.hitron-e.com
Logo 

HDH165-24B Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-39-
H HiTRON
ON-BOARD DC-DC CONVERTER HALF-BRICK BASE PLATE
POWER MODULES INDUSTRIAL GRADE 165-200 WATTS
SINGLE & DUAL OUTPUT HDH165-24B OR 48B-S & D SERIES
FEATURES:
SINGLE OUTPUT
WIDE 2:1 INPUT RANGE
1500VDC ISOLATION
STANDARD HALF-BRICK PACKAGE
HIGH-EFFICIENCY POWER MODULE
UNDER-VOLTAGE LOCKOUT
DESIGNED TO MEET INTERNATIONAL
SAFETY STANDARDS
GENERAL SPECIFICATION
Efficiency: 87.5-89% typical, various with input & output.
Switching Frequency: Fixed frequency 330K Hz.
Circuit Topology: 330K Hz. Forward Circuit.
Transient Response: Peak transient <220mV and recovers
Within 1mS after 25% load-change.
Safety Standard: IEC60950 Class I.
Case: Aluminum base plate with metal standoffs.
Power Density: 60 Watts / Cubic inch typical.
Operating Temperature: -40 to +100°C (base plate).
Power derating details please refer to the Derating Chart.
Storage Temperature: -55 to +125 °C.
Temperature Coefficient: ± 0.02%/°C.
Humidity: Up to 95% RH, Non-Condensing.
Cooling: At least 100LFM moving air is recommended for
full load > +10°C in a confined area. Air flow vs. power
desrating details please refer to the Derating Chart.
Industrial Grade.
NOTE: (1) All measurements are at nominal input, full load, and +25°C unless otherwise spec.
(2) Line Regulation measured from High to Low Lines at full load.
(3) Load Regulation measured from Full-Load (F-L) to Half-Load(H-L)at nominal input.
(4) Correct fuse size by calculating the max. DC current drain at low Line input & adding 20-25% for desired fuse size.
SPECIFICATION
INPUT SPECIFICATION
Input Range: Wide 2:1 Input DC Range 36-72Vdc
or 18-36 Vdc.
Input Voltage: Nominal 48Vdc or 24Vdc.
Input Current: Typical 7.84A full load and 0.2A no-load @
24Vdc nominal input. Typ.3.92A full load
and 0.1A no-load @ 48Vdc nominal input.
Input Fuse: Use external fuse.
Soft-Start: Installed.
Inrush Current: 4A @ 48Vdc. 8A @ 24Vdc.
Input Filter: Pi-Network for EMI suppression.
Under-Voltage Protection (UVP): Lock-out activated at
34-35.5Vdc input @48Vdc nominal input.
17.5-17.8Vdc input @24Vdc nominal input.
Input OVP: 74-76Vdc @48Vdc nominal input.
37-38Vdc @24Vdc nominal.
Input Reflected Ripple Current: 20mA pk-pk @48 Vdc.
Isolation Voltage: 1,500Vdc input-output.
Remote On/Off: TTL/CMOS-Compatible input control.
Positive Logic version for Standard set up:
ON(Enable)=Open(or 2.5-5.0Vdc above-Vin)
OFF(Disable)=Short(or 0-0.8Vdc above-Vin)
Negative Logic version option available by adding a
“N” suffix to the end of Model #.
Remark: Voltage refer to –Input (-Vin).
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: 165-200Watt continuous typical.
Line Regulation: Various with input & output voltages.
± 0.1% typical.
Load Regulation: Various with output voltages.
±0.5% typical.
Noise & Ripple: 1% rms typical.
OVP: Built-in (latch).
Adjustability: Maybe externally trimmed with
fixed resistor or trim pot.
Overload Protection (OLP):
Fully protected against overload and short circuit.
OLP set at typical 130% rating output wattage load.
Consult the factory for special OLP setting.
Due to requests in market and advances in technology, specifications subject to change without notice.


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn