Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HDH40-24D Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part No. HDH40-24D
Description  ON-BOARD DC-DC CONVERTER BASE PLATE POWER MODULE INDUSTRIAL GRADE 40 WATTS SINGLE & MULTIPLE OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITRON [HITRON ELECTRONICS CORPORTION]
Homepage  http://www.hitron-e.com
Logo 

HDH40-24D Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-33-
H HiTRON
ON-BOARD DC-DC CONVERTER BASE PLATE POWER MODULE
INDUSTRIAL GRADE 40 WATTS SINGLE & MULTIPLE OUTPUT
HDH40-24D OR 48D-S, D, T SERIES
FEATURES:
SINGLE, DUAL & TRIPLE OUTPUT
4:1 ULTRA-WIDE INPUT VOLTAGE
1,500VDC ISOLATION
HEATSINK MOUNT FORMAT
INDUSTRIAL STANDARD PIN-OUT
UNDER-VOLTAGE LOCKOUT
GENERAL SPECIFICATION
Efficiency: 75-79% typical, various with input &
output voltages.
Switching Frequency: Fixed frequency 250K Hz.
Circuit Topology: Forward Circuit.
Transient Response: Peak deviation 200mV,
Recovery time <3mSec. @ 25% step load change.
Case: Aluminum base plate.
Power Density: 7.5 Watts / Cubic inch.
MTBF: 1,000,000 hours, Mil.Std.271, 25°C.
Operating Temperature: -40 to +100°C. (Base plate).
Power derating details, please refer to the Derating Chart.
Storage Temperature: -55 to +125°C.
Temperature Coefficient: ±0.02%/°C.
Cooling: At least 100LFM moving air is recommended for
full load > +25°C room temperature in a confined area.
Air flow vs. Power derating details, please refer to the
Derating Chart.
Industrial Grade only.
NOTE: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Line Regulation measured from High to Low Lines at full load.
(3) Load Regulation measured from Full-Load (F-L) to Half-Load(H-L)at nominal input.
(4) Correct fuse size by calculating the max. DC current drain at low Line input & adding 20-25% for desired fuse size.
SPECIFICATION
INPUT SPECIFICATION
Input Range/Voltage: Ultra-wide 4:1 Range.9-36Vdc for
24Vdc nominal input.
Range 18-72Vdc for 48Vdc nominal input.
Input Current: Various with input range & load.
See Ratings Chart.
Input Fuse: Use external fuse.
Input Filter: Pi-Network.
Undervoltage Drop Out: 12Vdc typical.
Isolation Resistor: 1,000 Mega Ohms.
Isolation Voltage: 1,500Vdc for input to output.
1,500Vdc for input to case and output to case.
Shielding: Five-sided.
Remote On/Off: TTL/CMOS-Compatible input control.
Positive Logic version for Standard set up:
ON(Enable)=Open(or 2.5-5.0Vdc above-Vin)
OFF(Disable)=Short(or 0-0.8Vdc above-Vin)
Negative Logic version option available by adding a
“N” suffix to the end of Model #.
Remark: [Voltage refer to –Input (-Vin)]
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Voltage Accuracy: Typ. main O/P ±1.0%,Aux. O/P ±2.0%.
Line Regulation: Various with input & output voltage.
±0.5% typical.
Load Regulation: Various with output voltages
Single O/P: VO1±1.0% typical.
Dual O/P: VO1 ±1.0% & VO2 ±2.0% typical.
Triple O/P: VO1 & VO3 ±2.0%, VO2 ±5.0% typical.
Noise & Ripple: 100mV for 3.3V/5.0V & 1.0% typical
for others output peak to peak.
OVP: Built-in on main output.
Adjustability: VO1O/P may optionally be external trimmed
±3.0% with a fixed resistors or trim-pot.
Overload Protection (OLP):
Fully protected against overload and short circuit.
OLP set at about 125-150% max. load.
Consult factory for special OLP setting.
Due to requests in market and advances in technology, specifications subject to change without notice.


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HAM50-SON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE & MULTIPLE OUTPUT 1 2 HITRON ELECTRONICS CORPORTION
HAM10SON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS SINGLE & DUAL OUTPUT 1 2 HITRON ELECTRONICS CORPORTION
HDC400P-24B18-36 OR 36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 400 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES 1 2 HITRON ELECTRONICS CORPORTION
HDC500P-48B36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 500 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES 1 2 HITRON ELECTRONICS CORPORTION
HAM16SON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 16 WATTS SINGLE & DUAL OUTPUT 1 2 HITRON ELECTRONICS CORPORTION
HDC201P-48B36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES 1 2 HITRON ELECTRONICS CORPORTION
HDC202P-48B36-72VDC INPUT RANGE DC-DC CONVERTER HALF SIZE HOT-SWAP CompactPCI QUAD OUTPUT 202 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES 1 2 HITRON ELECTRONICS CORPORTION
HDC203P-48B36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP LOW VOLTAGE CompactPCI PENTA OUTPUT 200 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES 1 2 HITRON ELECTRONICS CORPORTION
HDC250P-48B36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES 1 2 HITRON ELECTRONICS CORPORTION
HDC301P-48B36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 300 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES 1 2 HITRON ELECTRONICS CORPORTION

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn