Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HEMP100G-S190530-8 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part No. HEMP100G-S190530-8
Description  HARMONIC CORRECTION AC/DC MEDICAL APPLICATION EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS GREEN POWER SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITRON [HITRON ELECTRONICS CORPORTION]
Homepage  http://www.hitron-e.com
Logo 

HEMP100G-S190530-8 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
H HiTRON
2008/04/14
HARMONIC CORRECTION (PFC) AC/DC MEDICAL APPLICATION
EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT
SINGLE OUTPUT 100 WATTS GREEN POWER
SWITCHING POWER SUPPLIES HEMP100G SERIES
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac typical.
Power Factor Correction (PFC) installed.
Input Connector: IEC320-3PL/2P AC receptacle.
Input Frequency: 50/60Hz.
Inrush Current: 7.2Arms @230Vac 50Hz.
Input Current: 0.976A@115Vac/0.496A@230Vac
Dielectric Withstand: Meet IEC60601-1.
EMI: Meet EN55011/FCC Class B.
Hold-up Time: 22mS @115Vac/ 43mS@230Vac typical.
Green Power: 0.37W @ 132Vac/ 0.50W @264Vac.
Earth Leakage: Less than 0.126mA.
FEATURES:
ACCOMMODATE UNIVERSAL AC INPUT
DESKTOP IEC320-3PL/2P AC RECEPTACLE
GREEN POWER DESIGN/MEET ENERGY
STAR(CEC) LVEVL IV.
MEET MEDICAL STANDARDS
EN60601-1/UL60601-1
EMI MEET EN55011/FCC CLASS B
GENERAL SPECIFICATION
Efficiency: 88-90% typical.
Switching Frequency: 40-65 KHz.
Circuit Topology: Fixed Flyback Circuit.
Transient Response: Output voltage returns in less than
1mS following a 25% load change.
Safety Standard: Meet Medical standards UL60601-1 /
EN60601-1Class I or II. Harmonic Current Emission,
EN61000-3-2 compliance.
Operating Temperature: 0 to +25/35/40°C
without derating. (various with output voltage)
Storage Temperature: -20 to +85°C.
Temperature Coefficient: 0.04%/°C typical.
Cooling: Free air convection.
Construction: Impact resistant plastic enclosure case.
Power Density: 4.56-5.5 Watts/Cubic inch.
Desktop Format.
NOTE: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Load regulation is measured at 115Vac or 230Vac in percentage to indicate the change in output voltage as the load varied from half load to full load (
±%).
(3) The exact obtainable load regulation depends upon the output cord selected and load current. Upper data are for 6 ft. (2 m)cord AWG#18 wires.
(4)
Due to requests in market and advances in technology, specifications subject to change without notice.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: 100 Watts.
Output Connector: Optional.
Line Regulation: 0.3 % typical.
Load Regulation: ± 2 % typical.
Tolerance: ±4%.
Noise & Ripple: 1% typical peak to peak.
OVP: Built-in. (Latch)
Adjustability: Not available.
Over Temp. Protection (OTP): Installed.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
OLP set at about 110-135% rating output wattage.
Consult the factory for OLP setting.


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HEMG75AC/DC MEDICAL APPLICATION EXTERNAL ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 70 WATTS GREEN POWER SWITCHING POWER SUPPLIES 1 2 HITRON ELECTRONICS CORPORTION
HEG75AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 60-75 WATTS GREEN POWER SWITCHING POWER SUPPLIES 1 2 HITRON ELECTRONICS CORPORTION
HES51AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 45-51 WATTS SWITCHING POWER SUPPLIES 1 2 HITRON ELECTRONICS CORPORTION
HIMP151UNIVERSAL INPUT HARMONIC CORRECTION AC-DC MEDICAL AND IEC APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES 1 2 3 HITRON ELECTRONICS CORPORTION
HMI100UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES 1 2 3 HITRON ELECTRONICS CORPORTION
HAC500PUNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 500 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES 1 2 HITRON ELECTRONICS CORPORTION
HAC400PUNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 400 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES 1 2 HITRON ELECTRONICS CORPORTION
HIMP250HARMONIC CORRECTION PFC AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE OUTPUT 250 WATTS INTERNAL SWITCHING POWER SUPPLIES 1 2 HITRON ELECTRONICS CORPORTION
HASM10G-SCHASSIS-MOUNT UNIVERSAL INPUT MEDICAL APPLICATION AC-DC GREEN POWER ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS MULTIPLE OUTPUT 1 2 HITRON ELECTRONICS CORPORTION

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn